Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT224006F Datasheet(PDF) 2 Page - Tyco Electronics

Part # RT224006F
Description  16 Amp PC Board Miniature Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT224006F Datasheet(HTML) 2 Page - Tyco Electronics

  RT224006F Datasheet HTML 1Page - Tyco Electronics RT224006F Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
447
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (pdf revised 1-06)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Typical Part Number
B
RT
B
3
4
012
F
1. Basic Series:
RT = Miniature, printed circuit board relay.
2. Enclosure:
1 = 1 pole 12A, Pinning 3.5mm, flux-tight (Code 1).
B = 1 pole 12A, Pinning 3.5mm, sealed (Code 1).
2 = 1 pole 12A, Pinning 5mm, flux-tight (Code 2).
C = 1 pole 12A, Pinning 5mm, sealed (Code 2).
3 = 1 pole 16A, Pinning 5mm, flux-tight (Code 3).
D = 1 pole 16A, Pinning 5mm, sealed (Code 3).
4 = 2 pole 8A, Pinning 5mm, flux-tight (Code 5).
E = 2 pole 8A, Pinning 5mm, sealed (Code 5).
3. Contact Arrangement:
1 = 1 Form C (SPDT) (Requires wiring diagram codes 1, 2 or 3.)
2 = 2 Form C (DPDT) (Requires wiring diagram code 5.)
3 = 1 Form A (SPST-NO) (Requires wiring diagram codes 1, 2 or 3.)
4 = 2 Form A (DPST-NO) (Requires wiring diagram code 5.)
4. Contact Material:
4 = Silver-nickel 90/10 (standard stock).
5. Coil Voltage:
005 = 5VDC
009 = 9VDC
018 = 18VDC
048 = 48VDC
110 = 110VDC
006 = 6VDC
012 = 12VDC
024 = 24VDC
060 = 60VDC
5. Coil Insulation Classification, Brand and Case Color
F = UL Class F, Potter & Brumfield Brand, Black Case
Leave Blank = UL Class F, Schrack Brand, Orange Case
Our authorized distributors are more likely to stock the following items for immediate delivery.
RT114012F
RT114024F
RTB14005F
RTB14012F
RTB14024F
RTB34012F
RTB34024F
RT314012F
RT314024F
RTD14005F
RTD14012F
RTD14024F
RTD34012F
RT424012F
RT424024F
RTE24005F
RTE24012F
RTE24024F
RTE44012F
RTE44024F
Ordering Information (DC Coil Models)
Outline Dimensions
Wiring Diagrams (Bottom View)
.276
(7.0)
.300
(7.62)
.300
(7.62)
.800
(20.32)
.051 DIA.
(1.30)
.800
(20.32)
.400
(10.16)
.051 DIA.
(1.30)
051 DIA.
(1.30)
.051 DIA.
(1.30)
.300
(7.62)
.800
(20.32)
.400
(10.16)
.051 DIA.
(1.30)
.051 DIA.
(1.30)
PC Board Layouts (Bottom View)
Breaking Capacity
50
10
1
2
5
0.1
0.5
50
10
1
2
5
0.1
0.5
10
20
50
100
200 300
10
20
50
100
200 300
DC Voltage
DC Voltage
A
B
A
B
1 Pole 12A
1 Pole 16A
2 Pole 8A
Codes 1 & 2
Code 3
Code 5
1 Pole 12A
3.5mm
1 Pole 16A
2 Pole 8A
5mm
Code 1
1 Pole
2 Pole
A: 1 Contact.
B: 2 Contacts in series.
Contact Life for Resistive AC Load (Typical)
10
7
0
0.8
1.6
2.4
3.2
4.0
Breaking Capacity (kVA)
10
6
10
5
10
4
0.4
1.2
2.0
2.8
3.6
A
B
C
A: 8A Model
B: 12A Model
C: 16A Model
Note: Data from 250VAC @ 70°C.
Code 3 & 5
.62
(15.7)
.50
(12.7)
1.14
(29)
6X .031 X .020
(.80 X .52)
2X .020 X .020
(.52 X .52)
.17
(4.3)
A: 16A Version.
B: 12A Version.
Notes: 1. On single throw models, only necessary terminals are present.
2. With the recommended PCB hole sizes, a grid with a pattern from 0.0984 to 0.1
in (2.5 - 2.54 mm) can be used.
Note: On single throw models, only necessary terminals are present.
1 Pole 12A
5mm
Code 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com