Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33EMC Datasheet(PDF) 9 Page - Microchip Technology

Part # DSPIC33EMC
Description  16-bit Embedded Control Solutions PIC24 Microcontrollers dsPIC Digital Signal Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EMC Datasheet(HTML) 9 Page - Microchip Technology

Back Button DSPIC33EMC Datasheet HTML 5Page - Microchip Technology DSPIC33EMC Datasheet HTML 6Page - Microchip Technology DSPIC33EMC Datasheet HTML 7Page - Microchip Technology DSPIC33EMC Datasheet HTML 8Page - Microchip Technology DSPIC33EMC Datasheet HTML 9Page - Microchip Technology DSPIC33EMC Datasheet HTML 10Page - Microchip Technology DSPIC33EMC Datasheet HTML 11Page - Microchip Technology DSPIC33EMC Datasheet HTML 12Page - Microchip Technology DSPIC33EMC Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
16-bit Embedded Control Solutions
Motor Control Development Boards
dsPIC33 Development Systems
Motor Control Starter Kit (MCSK)
with mTouch Sensing (DM330015)
This starter kit with mTouch
sensing is a complete, integrated
development platform based on the
dsPIC33FJ16MC102. It includes a USB
interfaced debugger programmer, a complete drive circuit
featuring Microchip’s TC4428 dual 1.5A gate drivers, an
on-board BLDC motor, a user configurable switch and
an mTouch slider with LED indicators for speed control.
Simply power the board using the included 9V supply and
the pre-loaded code begins to execute.
dsPICDEM™ MCSM Stepper Motor: Motor Control
Development Board/Kit (DM330022)/(DV330021)
This development board is intended for
low-voltage (up to 80 volts at 3 amps)
2-phase uni-polar or bi-polar stepper
motor (4, 6 or 8 wire) applications. It
provides a low-cost system for users
to evaluate and develop applications
using dsPIC33 motor control DSCs
via a Plug-In Module (PIM) or 28-pin
SOIC socket. A USB serial interface for
RTDM is provided. Feedback support
includes current and voltage. Demo software to run motors
in open-loop or closed-loop with full or variable micro-
stepping is provided. A DMCI/RTDM GUI for controlling
step commands, motor parameter input and operation
modes is included. The kit also includes a stepper motor
and a 24-volt power supply. MPLAB ICD 3 In-Circuit
Debugger or REAL ICE In-Circuit Emulator is required for
programming or debugging operations.
dsPICDEM MCLV-2 Development Board (DM330021-2)
This development board is intended
for low-voltage (up to 48 volts at 10
amps) BLDC sensored or sensorless
applications. It provides a low-cost
system for users to evaluate and
develop applications using dsPIC33F/E motor control DSCs
via a Plug-In Module (PIM) or 28-pin SOIC socket. With the
MCLV-2 either the internal, on chip op amps or the external
op amps on the MCLV-2 board can be used. Microchip
provides PIMs for using either the internal or external op
amps. The MCLV-2 is fully backwards compatible with
the original MCLV and all Motor Control Processor Plug-
In Modules (PIMs). Serial interfaces include: RS-232C,
CAN, LIN and USB (for RTDM). Feedback support includes:
Hall- Effect Sensors, Shaft Encoder, Back EMF voltages
and single or dual shunt resistors for current. PICkit 3
Debug Express, MPLAB ICD 3 In-Circuit Debugger or REAL
ICE In-Circuit Emulator is required for programming or
debugging operations.
dsPICDEM MCHV-2 Development System
(DM330023-2)
This development system is intended
for high-voltage (up to 400 volts at 6.5
amps) BLDC, PMSM and ACIM sensored
or sensorless applications. It provides a
low-cost Integrated Power Module (IPM)
based system for users to evaluate and
develop applications using dsPIC33F/E motor control
DSCs via a Plug-In Module (PIM) or a 28-pin SOIC socket.
With the MCHV-2 either the internal, on chip op amps or
the external op amps on the MCHV-2 board can be used.
Microchip provides PIMs for using either the internal
or external op amps. The MCHV-2 is fully backwards
compatible with the original MCHV and all Motor Control
Processor Plug-In Modules (PIMs). Isolated serial
interfaces include RS-232C and USB (for RTDM). Feedback
support includes: Hall-Effect Sensors, Shaft Encoder, Back
EMF voltages and single or dual current shunt resistors.
A PFC circuit is provided to meet regulatory requirements.
An isolated built-in debugger (similar to a starter kit
programmer/debugger) permits a direct connection
with a PC.
dsPIC33E Dual Motor Control Plug-In Module (PIM)
(MA330027)
This Dual Motor Control PIM
is designed to facilitate the
development of motor control applications using two
motors and one dsPIC33E Digital Signal Controller (DSC).
Two Microchip PIM based motor control development
boards can be used with this PIM to control two BLDC,
PMSM, ACIM or stepper motors. A flexible cable connects
the two boards together and routes all signals to the
appropriate pins on the dsPIC33E DSC. The configuration
of the cable and signals was carefully chosen to support
a wide range of dual motor configuration application notes
written for the dsPICDEM MCLV-2, MCHV-2 and MCSM
development boards.
Motors
You can provide your own motor or purchase one of the
motors used in our application notes and guaranteed to
run, right out of the box:
■ AC300024: 2-phase, 8-wire Stepper Motor
■ AC300020: 24V BLDC Motor
■ AC300022: 24V BLDC Motor with Shaft Encoder
■ AC300023: 220V, AC Induction Motor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com