Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD-30FC Datasheet(PDF) 2 Page - CUI INC

Part # MD-30FC
Description  MINI DIN CONNECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MD-30FC Datasheet(HTML) 2 Page - CUI INC

  MD-30FC Datasheet HTML 1Page - CUI INC MD-30FC Datasheet HTML 2Page - CUI INC MD-30FC Datasheet HTML 3Page - CUI INC MD-30FC Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
CUI Inc
│ SERIES: MD-XXFC │ DESCRIPTION: MINI DIN CONNECTOR
date
07/23/2013 │ page 2 of 4
4.7 0.19
0.43
11.0
8.5 0.33
3.7 0.15
13.8 0.54
Ferrite
Spacer
3.5 0.14
5.5 0.22
0.52
13.2
2.0 0.08
0.3 0.01
(8 PLCS)
3
6
7
8
54
1
2
6.5
0.3
0.26
0.56
14.1
0.01
0.51
13.0
0.01
(TYP)
0.3
2.8 0.11
0.7 0.03
(8 PLCS)
MECHANICAL DRAWINGS
units: mm[inches]
TOLERANCE: ±0.2mm
MATERIAL
PLATING
earth terminal
brass
tin
contact terminals (1~8)
phosphor bronze
silver
plastic
PBT
spacer
ferrite
1
1
3
2
2
3
4
4
5
21
3
13.5 0.53
4.7 0.19
5.5 0.22
(2 PLCS)
(2 PLCS)
0.43
11.0
8.5 0.33
(2 PLCS)
13.5 0.53
4.7 0.19
5.5 0.22
(2 PLCS)
8.5 0.33
(2 PLCS)
0.9 0.04
11.0 0.43
13.5 0.53
4.7 0.19
5.5 0.22
(2 PLCS)
8.5 0.33
(3 PLCS)
11.0 0.43
(2 PLCS)
1.3 0.05
2
4
PCB LAYOUT
3
1
TOP VIEW
0.7X2.2
(3 PLCS)
0.27
6.8
0.9 0.04
(4 PLCS)
1
PCB LAYOUT
2
3
TOP VIEW
0.7X2.2
(3 PLCS)
0.04
0.9
(3 PLCS)
6.8 0.27
5
4
PCB LAYOUT
3
1
2
TOP VIEW
0.7X2.2
(3 PLCS)
0.27
6.8
0.9 0.04
(5 PLCS)
MD-30FC
MD-40FC
MD-50FC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com