Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD-80S Datasheet(PDF) 2 Page - CUI INC

Part # MD-80S
Description  MINI DIN CONNECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MD-80S Datasheet(HTML) 2 Page - CUI INC

  MD-80S Datasheet HTML 1Page - CUI INC MD-80S Datasheet HTML 2Page - CUI INC MD-80S Datasheet HTML 3Page - CUI INC MD-80S Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
date
03/29/2012 │ page 2 of 4
CUI Inc
│ SERIES: MD-XXS │ DESCRIPTION: MINI DIN CONNECTOR
6.5 0.256
4.7 0.185
11.0 0.433
(4 PLCS)
8.5 0.335
(4 PLCS)
2.6 0.102
(2 PLCS)
0.268
6.8
0.9 0.035
5
8
1
43
6
7
2
0.3 0.012
(TYP)
(TYP)
0.138
0.551
14.0
0.504
2.0
12.8
3.5
0.079
(TYP)
0.4 0.016
8.0 0.315
0.75 0.030
(TYP)
0.75 0.030
(TYP)
0.484
12.3
0.488
12.4
0.071
1.8
0.4 0.016
13
6
2
5
87
4
BOTTOM VIEW
9.10
(2 PLCS)
0.197
5.00
10.00
0.358
0.394
(2 PLCS)
0.059
1.50
1.00 0.039
0.1 (4 PLCS)
MECHANICAL DRAWINGS
units: mm[inches]
TOLERANCE: ±0.2mm
MATERIAL
PLATING
earth terminal
brass
tin
contact terminals (1~8)
phosphor bronze
silver
housing
PBT
4.7 0.185
11.0 0.433
(2 PLCS)
8.5 0.335
(3 PLCS)
6.8 0.268
(2 PLCS)
1.3 0.051
0.9 0.035
(5 PLCS)
+0.1
-0.0
PCB LAYOUT
4
TOP VIEW
21
3
5
2.2X0.7
2
4
5
3
1
21
3
4.7 0.185
11.0 0.433
8.5 0.335
(2 PLCS)
6.8 0.268
0.9 0.035
0.9 0.035
(3 PLCS)
+0.1
-0.0
PCB LAYOUT
3
TOP VIEW
1
2
2.2X0.7
1
2
43
4.7 0.185
11.0 0.433
(2 PLCS)
0.035
-0.0
+0.1
(4 PLCS)
0.9
6.8 0.268
(2 PLCS)
8.5 0.335
(2 PLCS)
2.2X0.7
1
3
TOP VIEW
2
PCB LAYOUT
4
MD-30S
MD-40S
MD-50S



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com