Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5629R Datasheet(PDF) 21 Page - Analog Devices

Part # AD5629R
Description  Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5629R Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5629R Datasheet HTML 17Page - Analog Devices AD5629R Datasheet HTML 18Page - Analog Devices AD5629R Datasheet HTML 19Page - Analog Devices AD5629R Datasheet HTML 20Page - Analog Devices AD5629R Datasheet HTML 21Page - Analog Devices AD5629R Datasheet HTML 22Page - Analog Devices AD5629R Datasheet HTML 23Page - Analog Devices AD5629R Datasheet HTML 24Page - Analog Devices AD5629R Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
AD5629R/AD5669R
Rev. B | Page 21 of 32
THEORY OF OPERATION
DIGITAL-TO-ANALOG CONVERTER (DAC) SECTION
The AD5629R/AD5669R are fabricated on a CMOS process.
The architecture consists of a string of DACs followed by an
output buffer amplifier. Each part includes an internal
1.25 V/2.5 V, 5 ppm/°C reference with an internal gain of 2.
Figure 48 and Figure 49 show block diagrams of the DAC
architecture.
OUTPUT
AMPLIFIER
GAIN = ×2
DAC
REGISTER
REF (+)
VREFIN/VREFOUT
VOUT
REF (–)
RESISTOR
STRING
GND
INTERNAL
REFERENCE1
1CAN BE OVERDRIVEN
BY VREFIN/VREFOUT.
Figure 48. DAC Architecture for Internal Reference Configuration
REF
BUFFER
OUTPUT
AMPLIFIER
GAIN = ×2
VREFIN/VREFOUT
GND
REF (+)
REF (–)
RESISTOR
STRING
VOUT
R
R
Figure 49. DAC Architecture for External Reference Configuration
Because the input coding to the DAC is straight binary, the ideal
output voltage when using an external reference is given by
N
REFIN
OUT
D
V
V
2
The ideal output voltage when using the internal reference is
given by
N
REFOUT
OUT
D
V
V
2
2
where:
D
= decimal equivalent of the binary code that is loaded to the
DAC register as follows:
0 to 4095 for AD5629R (12 bits).
0 to 65,535 for AD5669R (16 bits).
N
= the DAC resolution.
RESISTOR STRING
The resistor string section is shown in Figure 50. It is simply a
string of resistors, each of value R. The code loaded into the
DAC register determines at which node on the string the
voltage is tapped off to be fed into the output amplifier. The
voltage is tapped off by closing one of the switches connecting
the string to the amplifier. Because it is a string of resistors, it
is guaranteed monotonic.
TO OUTPUT
AMPLIFIER
R
R
R
R
R
Figure 50. Resistor String
INTERNAL REFERENCE
The AD5629R/AD5669R have an on-chip reference with an
internal gain of 2. The AD5629R-1/AD5669R-1 have a 1.25 V,
5 ppm/°C reference, giving a full-scale output of 2.5 V or the
AD5629R-2/AD5629R-3/AD5669R-2/AD5629R-3 have a 2.5 V,
5 ppm/°C reference, working between a supply from 4.5 V to
5.5 V giving a full-scale output of 5 V. The on-board reference
is off at power-up, allowing the use of an external reference. The
internal reference is enabled via a write to the control register
(see Table 8).
The internal reference associated with each part is available at
the VREFOUT pin. A buffer is required if the reference output is
used to drive external loads. When using the internal reference,
it is recommended that a 100 nF capacitor be placed between
the reference output and GND for reference stability.
Individual channel power-down is not supported while using
the internal reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com