Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD-60SFK Datasheet(PDF) 2 Page - CUI INC

Part # MD-60SFK
Description  MINI DIN CONNECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MD-60SFK Datasheet(HTML) 2 Page - CUI INC

  MD-60SFK Datasheet HTML 1Page - CUI INC MD-60SFK Datasheet HTML 2Page - CUI INC MD-60SFK Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ SERIES: MD-XXSFK │ DESCRIPTION: MINI DIN CONNECTOR
date
03/02/2012 │ page 2 of 3
3.7 0.15
13.9 0.55
4.7 0.19
0.43
11.0
8.5 0.33
14.1 0.56
13.0 0.51
6.5 0.26
0.3
(TYP)
0.01
0.03
0.7
2.0 0.08
0.08
2.0
0.22
5.5
(TYP)
0.14
0.52
13.2
3.5
0.3 0.01
(TYP)
6
2 1
3
4
5
8
7
MECHANICAL DRAWINGS
units: mm[inches]
TOLERANCE: ±0.2mm
MATERIAL
PLATING
earth terminal
brass
tin
contact terminals (1~8)
phosphor bronze
silver
plastic
PBT
0.9 0.04
(5 PLCS)
0.53
13.5
0.19
4.7
0.33
(3 PLCS)
8.5
1.3
11.0
0.05
0.43
(2 PLCS)
6.8 0.27
0.22
5.5
(2 PLCS)
PCB LAYOUT
TOP VIEW
5
3
1
3
5
21
4
0.7X2.2
(3 PLCS)
4
2
6.8 0.27
0.53
13.5
0.19
4.7
0.33
(2 PLCS)
8.5
0.22
(2 PLCS)
5.5
0.43
(2 PLCS)
11.0
0.9 0.04
(4 PLCS)
1
2
4
4
1
3
2
0.7X2.2
(3 PLCS)
3
PCB LAYOUT
TOP VIEW
6.8 0.27
0.53
13.5
0.19
4.7
0.33
(2 PLCS)
8.5
0.22
(2 PLCS)
0.04
0.9
0.43
11.0
5.5
(3 PLCS)
0.9 0.04
PCB LAYOUT
TOP VIEW
2
3
21
1
0.7X2.2
(3 PLCS)
3
MD-30SFK
MD-40SFK
MD-50SFK



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com