Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1754ACPZ-1.0-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1754ACPZ-1.0-R7
Description  1.2 A, Low VIN, Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1754ACPZ-1.0-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP1754ACPZ-1.0-R7 Datasheet HTML 1Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 2Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 3Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 4Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 5Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP1754ACPZ-1.0-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADP1754/ADP1755
Rev. E | Page 3 of 20
SPECIFICATIONS
VIN = (VOUT + 0.4 V) or 1.6 V (whichever is greater), IOUT = 10 mA, CIN = COUT = 4.7 µF, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
TJ = −40°C to +125°C
1.6
3.6
V
OPERATING SUPPLY CURRENT1
IGND
IOUT = 500 μA
90
µA
IOUT = 100 mA
400
µA
IOUT = 100 mA, TJ = −40°C to +125°C
800
µA
IOUT = 1.2 A
1.1
mA
IOUT = 1.2 A, TJ = −40°C to +125°C
1.4
mA
SHUTDOWN CURRENT
IGND-SD
EN = GND, VIN = 1.6 V
2
6
µA
EN = GND, VIN = 1.6 V, TJ = −40°C to +85°C
30
µA
EN = GND, VIN = 3.6 V, TJ = −40°C to +85°C
100
µA
OUTPUT VOLTAGE ACCURACY
Fixed Output Voltage Accuracy
(ADP1754)
VOUT
IOUT = 10 mA
−1
+1
%
IOUT = 10 mA to 1.2 A
−1.5
+1.5
%
10 mA < IOUT < 1.2 A, TJ = −40°C to +125°C
−2
+2
%
Adjustable Output Voltage Accuracy
(ADP1755)2
VADJ
IOUT = 10 mA
0.495
0.5
0.505
V
IOUT = 10 mA to 1.2 A
0.495
0.505
V
10 mA < IOUT < 1.2 A, TJ = −40°C to +125°C
0.490
0.510
V
LINE REGULATION
∆VOUT/∆VIN
VIN = (VOUT + 0.4 V) to 3.6 V, TJ = −40°C to +125°C
−0.3
+0.3
%/V
LOAD REGULATION3
∆VOUT/∆IOUT
IOUT = 10 mA to 1.2 A, TJ = −40°C to +125°C
0.6
%/A
DROPOUT VOLTAGE4
VDROPOUT
IOUT = 100 mA, VOUT ≥ 1.8 V
10
mV
IOUT = 100 mA, VOUT ≥ 1.8 V, TJ = −40°C to +125°C
16
mV
IOUT = 1.2 A, VOUT ≥ 1.8 V
105
mV
IOUT = 1.2 A, VOUT ≥ 1.8 V, TJ = −40°C to +125°C
200
mV
START-UP TIME5
tSTART-UP
CSS = 0 nF, IOUT = 10 mA
200
µs
CSS = 10 nF, IOUT = 10 mA
5.2
ms
CURRENT-LIMIT THRESHOLD6
ILIMIT
1.5
2
5
A
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSSD
TJ rising
150
°C
Thermal Shutdown Hysteresis
TSSD-HYS
15
°C
PG OUTPUT LOGIC LEVEL
PG Output Logic High
PGHIGH
1.6 V ≤ VIN ≤ 3.6 V, IOH < 1 µA
1.0
V
PG Output Logic Low
PGLOW
1.6 V ≤ VIN ≤ 3.6 V, IOL < 2 mA
0.4
V
PG Output Delay from EN Transition
Low to High
1.6 V ≤ VIN ≤ 3.6 V, CSS = 10 nF
5.5
ms
PG OUTPUT THRESHOLD
Output Voltage Falling
PGFALL
1.6 V ≤ VIN ≤ 3.6 V
−10
%
Output Voltage Rising
PGRISE
1.6 V ≤ VIN ≤ 3.6 V
−6.5
%
EN INPUT
EN Input Logic High
VIH
1.6 V ≤ VIN ≤ 3.6 V
1.2
V
EN Input Logic Low
VIL
1.6 V ≤ VIN ≤ 3.6 V
0.4
V
EN Input Leakage Current
VI-LEAKAGE
EN = VIN or GND
0.1
1
µA
UNDERVOLTAGE LOCKOUT
UVLO
Input Voltage Rising
UVLORISE
TJ = −40°C to +125°C
1.58
V
Input Voltage Falling
UVLOFALL
TJ = −40°C to +125°C
1.25
V
Hysteresis
UVLOHYS
TJ = 25°C
100
mV
SOFT START CURRENT
ISS
1.6 V ≤ VIN ≤ 3.6 V
0.6
0.9
1.2
µA
ADJ INPUT BIAS CURRENT (ADP1755)
ADJI-BIAS
1.6 V ≤ VIN ≤ 3.6 V, TJ = −40°C to +125°C
10
150
nA
SENSE INPUT BIAS CURRENT
SNSI-BIAS
1.6 V ≤ VIN ≤ 3.6 V
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com