Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDMB-E Datasheet(PDF) 4 Page - Abracon Corporation

Part # ASDMB-E
Description  PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASDMB-E Datasheet(HTML) 4 Page - Abracon Corporation

  ASDMB-E Datasheet HTML 1Page - Abracon Corporation ASDMB-E Datasheet HTML 2Page - Abracon Corporation ASDMB-E Datasheet HTML 3Page - Abracon Corporation ASDMB-E Datasheet HTML 4Page - Abracon Corporation ASDMB-E Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
||||||| | | | | | | |
|
ASDMB
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit
www.abracon.comfor Terms & Conditions of Sale
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE
Life Siz e
2.5 x 2.0 x 0.85 mm
PURE SILICONTM CLOCK OSCILLATOR
ASDMB
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Absolute Maximum Ratings
Item
Minimum
Maximum
Unit
Condition
Supply Voltage
-0.3
+4.0
V
Input Voltage
-0.3
Vdd+0.3
V
Junction Temp.
-----
+150
°C
Storage Temp.
-55
+150
°C
Soldering Temp.
-----
+260
°C
40sec max
ESD
HBM
MM
CDM
4,000
200
1,500
V
Programmed Orders (Quantity > 1,000pcs)
OPTIONS AND PART IDENTIFICATION: (Left Blank if Standard)
.
Un-Programmed Orders
Blank un-programmed oscillators and our low cost portable programmer are available for quick turn engineering requirements.
Please call ABRACON or visit MEMSpeed Pro site http://www.abracon.com/memspeedpro/memspeedpro.html for more
information.
Revised: 04.23.13
Pb RoHS/RoHS II Compliant
* For Quick turn-around programmable orders < 1000pcs: Due to the
immediate availability of stock and the qty of the order, the parts may be
delivered as BULK: Cut Tape, Loose parts in Antistatic Bag or in
Tube(s). The MOQ per the series will still apply for Tube packaging.
ASDMB -
MHz -
-
-
Frequency in MHz
e.g. 14.3181 MHz
(Maximum 4 digits
after decimal)
Operating Temp.
Blank: 0°C ~ +70°C
E: -20°C ~ +70°C
L: -40°C ~ +85°C
X: -40°C ~ +105°C
Overall Freq. Stability
C: ±50ppm (STD)
Y: ±10ppm
R: ±25 ppm
Packaging
Blank*: 140pcs / Tube
T: 1,000pcs / reel
T3: 3,000pcs / reel
T5: 5,000pcs / reel
T10: 10,000pcs / reel
Output Load
Blank: 15pF
25: 25pF
40: 40pF
ASDMB - BLANK -
-
-
Operating Temp.
Blank: 0°C ~ +70°C
E: -20°C ~ +70°C
L: -40°C ~ +85°C
X: -40°C ~ +105°C
Overall Freq. Stability
C: ±50ppm (STD)
Y: ±10ppm
R: ±25 ppm
Output Load
Blank: 15pF
25: 25pF
40: 40pF
Packaging
Blank: 140pcs / Tube
T: 1,000pcs / reel
T3: 3,000pcs / reel
T5: 5,000pcs / reel
T10: 10,000pcs / reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com