Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI104S Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI104S
Description  LOW PROFILE SHIELDED SMD POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI104S Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI104S Datasheet HTML 1Page - Abracon Corporation ASPI104S Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LOW PROFILE SHIELDED SMD POWER INDUCTORS
|||||||||||| | | |
ASPI-104S
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
Pb RoHS
Compliant
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 02.22.11
Visit
www.abracon.com for Terms & Conditions of Sale
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
PARAMETERS
ABRACON P/N:
Operating temperature:
Storage temperature:
ASPI-104S xxx Series
-40ºC to +85ºC
Test Condition
• Superior to be high saturation for high density
surface mounting
• High energy storage and Low resistance to keep power
loss minimum
• Magnetically shielded with ferrite core for low radiation
• Mighty temperature deflection prevents damage during
solder reflection
• Desktop, notebook, servers
• Network hubs, bridges, routers
• XDSL, PBX base stations
• Power source circuits, DC/DC converters, DC/AC inverters
• Digital TV, DVD, Modem, setup box
• Battery charger
-40ºC to +85ºC
* Test Frequency is 100KHz,0.1V
* Inductance drop 35% at Isat
* Tolerance: K= ±10%; M= ±20%
* Temperature rise 3 0ºC at Irms
RDC (Ω)
Isat (A)
Irms (A
Max
Max
Max
7.0
K, M
0.027 0
4.8 0
4.50
10
K, M
0.035 0
4.4 0
3.80
15. 0
K, M
0.050 0
3.6 0
3.10
18. 0
K, M
0.065 6
2.7 0
3.20
22
K, M
0.073 0
2.9 0
2.50
27
K, M
0.093 0
2.3 0
2.30
33
K, M
0.093 0
2.3 0
2.20
47
K, M
0.135 6
2.1 0
1.90
68
K, M
0.213 0
1.5 0
1.42
100
K, M
0.304 0
1.3 5
1.25
120
K, M
0.350 0
1.2 0
1.08
150
K, M
0.506 0
1.1 5
0.85
180
K, M
0.663 0
1.0 5
0.70
220
K, M
0.756 0
0.9 2
0.70
330
K, M
1.090 0
0.7 0
0.52
470
K, M
1.610 0
0.6 0
0.50
ASPI-104S-680
ASPI-104S-101
ASPI-104S-330
L (µH)
ASPI-104S-121
ASPI-104S-151
ASPI-104S-221
ASPI-104S-181
Abracon Part Number
ASPI-104S-471
ASPI-104S-150
ASPI-104S-470
ASPI-104S-331
ASPI-104S-220
ASPI-104S-270
ASPI-104S-180
ASPI-104S-7R0
ASPI-104S-100
Tolerance
%
ASPI -104S -
-
Pac kaging
Bla nk: Bulk
T: Tape and Ree l
Ind uctance Code
Plea se refer to the
table in Page 2
Tolerance
K: ±10%
M: ±20%
ABRACON IS
ISO9001:2008
CERTIFIED


Similar Part No. - ASPI104S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI1338 ABRACON-ASPI1338 Datasheet
2Mb / 3P
SHIELDED POWER INDUCTOR
04.12.12
More results

Similar Description - ASPI104S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
Shielded SMD Power Inductors
logo
Abracon Corporation
ASPI-104S ABRACON-ASPI-104S Datasheet
112Kb / 1P
LOW PROFILE SHIELDED SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SRR0905 BOURNS-SRR0905 Datasheet
351Kb / 2P
Shielded SMD Power Inductors
SRU1028 BOURNS-SRU1028 Datasheet
155Kb / 2P
Shielded SMD Power Inductors
logo
Superworld Electronics
STB1106 SUPERWORLD-STB1106 Datasheet
484Kb / 5P
SHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PSH3018 PREMO-PSH3018 Datasheet
356Kb / 11P
SMD Power Inductors Shielded
SHA PREMO-SHA Datasheet
167Kb / 9P
SMD Power Inductors Shielded
logo
Eaton All Rights Reserv...
SD53 EATON-SD53 Datasheet
385Kb / 4P
Low profile shielded power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com