Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0630LR-4R7 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0630LR-4R7
Description  High saturation current. Low loss due to low DC resistance.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0630LR-4R7 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0630LR-4R7 Datasheet HTML 1Page - Abracon Corporation ASPI-0630LR-4R7 Datasheet HTML 2Page - Abracon Corporation ASPI-0630LR-4R7 Datasheet HTML 3Page - Abracon Corporation ASPI-0630LR-4R7 Datasheet HTML 4Page - Abracon Corporation ASPI-0630LR-4R7 Datasheet HTML 5Page - Abracon Corporation ASPI-0630LR-4R7 Datasheet HTML 6Page - Abracon Corporation ASPI-0630LR-4R7 Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ASPI-0630LR-1R0
Molding Type Power Inductor
| | | | | | | | | | | | | | |
ASPI-0630LR
APPLICATIONS:
FEATURES:
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 11.17.11
Visit www.abracon.com for Terms & Conditions of Sale
7.2 x 6.65 x 3.0 mm
• High saturation current.
• Low loss due to low DC resistance.
• Frequency application up to 3MHz.
• Low profile with max thickness 3.0mm.
•100% lead free and meeted RoHS standard.
• Suitable for reflow soldering.
• High reliable SMD package
STANDARD SPECIFICATIONS
Abracon P/N:
ASPI-0630LR Series
Operating Temperature & Humidity:
Storage Temperature & Humidity:
-55˚C to +125˚C (Including self generated heat)
+25˚C to +35˚C, 45% to 85% RH
ELECTRICAL CHARACTERISTIC CU
RVES
• DC/DC converters in Notebook, Netbook, desktop and server
• Low profile, high current power supplies.
Part Number
Inductance
Tolerance
DCR Typ
DCR Max
Saturation
Current
Temperature
Rise Current
Units
μH
%
mΩ
mΩ
A
A
Symbol
L
M
Isat
Irms
ASPI-0630LR-R47
0.47
M
3.5
4.1
20.0
18.0
ASPI-0630LR-R56
0.56
M
4.7
5.0
18.0
17.0
ASPI-0630LR-R68
0.68
M
6.0
6.5
17.0
16.0
ASPI-0630LR-R82
0.82
M
7.0
7.5
16.0
14.0
ASPI-0630LR-1R0
1.0
M
8.5
9.0
15.0
12.0
ASPI-0630LR-1R5
1.5
M
10.5
12.0
14.0
10.0
ASPI-0630LR-2R2
2.2
M
16.0
18.5
10.0
8.0
ASPI-0630LR-3R3
3.3
M
25.0
28.0
10.0
6.5
ASPI-0630LR-4R7
4.7
M
32.5
35.0
6.5
5.5
ASPI-0630LR-5R6
5.6
M
32.5
35.5
5.0
6.0
ASPI-0630LR-6R8
6.8
M
54.0
60.0
6.0
4.5
ASPI-0630LR-100
10.0
M
62.0
68.0
5.5
4.0
ASPI-0630LR-150
15.0
M
110.0
120.0
5.0
3.0
ASPI-0630LR-220
22.0
M
152.0
167.0
2.5
2.5
Test Conditions
1. Inductance is measured in HP-4284A Precision LCR Meter.
2. RDC is measured in HP-4338B milli ohm meter.(or equivalent).
3. Isat: Based on inductance change (△L/Lo : ≤ -30%)
4. Irms: Based on temperature rise (△T : 40oC TYP. )


Similar Part No. - ASPI-0630LR-4R7

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0630HI ABRACON-ASPI-0630HI Datasheet
2Mb / 5P
Molding Type Power Inductor
11.17.11
ASPI-0630HI-100 ABRACON-ASPI-0630HI-100 Datasheet
2Mb / 5P
Molding Type Power Inductor
11.17.11
ASPI-0630HI-1R0 ABRACON-ASPI-0630HI-1R0 Datasheet
2Mb / 5P
Molding Type Power Inductor
11.17.11
ASPI-0630HI-1R5 ABRACON-ASPI-0630HI-1R5 Datasheet
2Mb / 5P
Molding Type Power Inductor
11.17.11
ASPI-0630HI-2R2 ABRACON-ASPI-0630HI-2R2 Datasheet
2Mb / 5P
Molding Type Power Inductor
11.17.11
More results

Similar Description - ASPI-0630LR-4R7

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18SD220SN1 MURATA1-BLM18SD220SN1_V01 Datasheet
279Kb / 3P
Low DC Resistance/Large Rated Current
Last updated07/11/2022
BLM18SG121TN1 MURATA1-BLM18SG121TN1_V01 Datasheet
284Kb / 3P
Low DC Resistance/Large Rated Current
Last updated07/11/2022
BLM18SG121TZ1 MURATA1-BLM18SG121TZ1_V01 Datasheet
285Kb / 3P
Low DC Resistance/Large Rated Current
Last updated07/11/2022
BLM18SG221TN1 MURATA1-BLM18SG221TN1_V01 Datasheet
281Kb / 3P
Low DC Resistance/Large Rated Current
Last updated07/11/2022
BLM18SG221TZ1 MURATA1-BLM18SG221TZ1_V01 Datasheet
282Kb / 3P
Low DC Resistance/Large Rated Current.
Last updated07/11/2022
BLM18SG260TN1 MURATA1-BLM18SG260TN1_V01 Datasheet
281Kb / 3P
Low DC Resistance/Large Rated Current
Last updated07/11/2022
BLM18SG260TZ1 MURATA1-BLM18SG260TZ1_V01 Datasheet
282Kb / 3P
Low DC Resistance/Large Rated Current.
Last updated07/11/2022
BLM18SG330SN1 MURATA1-BLM18SG330SN1_V01 Datasheet
276Kb / 3P
Low DC Resistance/Large Rated Current
Last updated07/11/2022
BLM18SG331TZ1 MURATA1-BLM18SG331TZ1_V01 Datasheet
286Kb / 3P
Low DC Resistance/Large Rated Current
Last updated07/11/2022
BLM18SG700TN1 MURATA1-BLM18SG700TN1_V01 Datasheet
280Kb / 3P
Low DC Resistance/Large Rated Current
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com