Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOXSLF080 Datasheet(PDF) 2 Page - Fox Electronics

Part # FOXSLF080
Description  Resistance Weld Thru-Hole Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FOXSLF080 Datasheet(HTML) 2 Page - Fox Electronics

  FOXSLF080 Datasheet HTML 1Page - Fox Electronics FOXSLF080 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
43
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.com
EMEA Tel: +44 .1283.568153 | Canada +1.888.438.2369 | Asia Hong Kong Tel: +852.2854.4285 | Japan Tel: +81.3.3374.2079
© 2013 FOX ELECTRONICS | An Integrated Device Technology, Inc. company | ISO9001:2008 Certified
Resistance Weld Thru-Hole Crystal
Rev. 5/2/2013
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: HC49SLF
Page 2 of 2
• HC49SLF Standard Crystals
Frequency
3.579545
3.686400
3.686400
4.000000
4.000000
7.372800
8.000000
8.000000
10.000000
11.059200
11.059200
12.000000
12.000000
14.745600
16.000000
16.000000
18.432000
20.000000
20.000000
25.000000
CL
18pF
Series
20pF
Series
20pF
20pF
Series
20pF
20pF
Series
20pF
Series
20pF
20pF
Series
20pF
20pF
Series
20pF
20pF
HC49SLF Part Number
FOXSLF/036S
FOXSLF/0368S
FOXSLF/0368-20
FOXSLF/040A
FOXSLF/040
FOXSLF/073-20
FOXSLF/080
FOXSLF/080-20
FOXSLF/100-20
FOXSLF/115
FOXSLF/115-20
FOXSLF/120
FOXSLF/120-20
FOXSLF/147-20
FOXSLF/160
FOXSLF/160-20
FOXSLF/184-20
FOXSLF/200
FOXSLF/200-20
FOXSLF/250F-20 (Fundamental)
ESR W Max
200
200
200
150
150
80
80
80
60
60
60
60
60
40
40
40
40
30
30
30
HC49SLF
±30PPM
±50PPM
-20°C ~ +70°C
PARAMETER
Frequency Tolerance @ 25°C
Frequency Stability
Operating Temperature Range
• FOX STANDARD SPECIFICATIONS
All specifications subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com