Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30LVSD39-R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 30LVSD39-R
Description  AC Line Rated Disc Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30LVSD39-R Datasheet(HTML) 2 Page - Vishay Siliconix

  30LVSD39-R Datasheet HTML 1Page - Vishay Siliconix 30LVSD39-R Datasheet HTML 2Page - Vishay Siliconix 30LVSD39-R Datasheet HTML 3Page - Vishay Siliconix 30LVSD39-R Datasheet HTML 4Page - Vishay Siliconix 30LVSD39-R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
30LVS Series
www.vishay.com
Vishay Cera-Mite
Revision: 06-Jun-13
2
Document Number: 23104
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Alternate lead spacings of 7.5 mm and 10 mm are available bulk or tape and reel on request.
• Minimum lead clearance according to IEC 60384-14: 0.118" (3 mm)
TAPE AND REEL OPTIONS
Part number codes and specifications for tape and reel packaging are found in the general information document - find web-link
below.
OPTIONAL 3-LEADED STYLE
An optional 3-leaded construction is available. It consists of a single capacitor with the two outside leads attached to one
electrode, and the center lead attached to the electrode. Used in feed-thru or line-to-ground applications, it allows a short
ground lead for enhanced high frequency performance.
DIMENSIONS in inches (millimeters)
ORDERING INFORMATION, CERAMIC X1/Y2 CAPACITORS 30LVS
C
(pF)
TOL.
(%)
Dmax.
DIAMETER
INCH (mm)
Tmax.
THICKNESS
INCH (mm)
WIRE SIZE
LS
LEAD SPACE
INCH (mm)
ORDERING
CODE
AWG
INCH (mm)
Y5U
1000
± 20
0.330 (8.4)
0.195 (5.0)
22
0.025 (0.64)
0.250 (6.4)
30LVSD10-R
1500
0.330 (8.4)
0.185 (4.7)
30LVSD15-R
2000
0.330 (8.4)
0.180 (4.6)
30LVSD20-R
2200
0.330 (8.4)
0.170 (4.3)
30LVSD22-R
2700
0.365 (9.3)
0.180 (4.6)
30LVSD27-R
2800
0.365 (9.3)
0.175 (4.4)
30LVSD28-R
3000
0.400 (10.2)
0.180 (4.6)
30LVSD30-R
3200
0.400 (10.2)
0.180 (4.6)
30LVSD32-R
3300
0.400 (10.2)
0.175 (4.4)
30LVSD33-R
3900
0.460 (11.7)
0.185 (4.7)
30LVSD39-R
4000
0.490 (12.4)
0.190 (4.8)
30LVSD40-R
4700
0.490 (12.4)
0.185 (4.7)
30LVSD47-R
5000
0.530 (13.5)
0.190 (4.8)
30LVSD50-R
5500
0.530 (13.5)
0.180 (4.6)
30LVSD55-R
6800
0.620 (15.7)
0.200 (5.1)
20
0.032 (0.81)
0.375 (9.5)
30LVSD68-R
0.010 μF
0.720 (18.3)
0.200 (5.1)
30LVSS10-R
Y5V
4700
± 20
0.430 (10.9)
0.185 (4.7)
22
0.025 (0.64)
0.250 (6.4)
30LVSVD47-R
0.010 μF
± 20
0.620 (15.7)
0.200 (5.1)
20
0.032 (0.81)
0.375 (9.5)
30LVSVS10-R
0.125
max. (3.2)
Tinned Copper Leads
1.250 min.
(32)
T
max.
LS
Ø
D
max.
1.250" min. (32)
4 mm max.
D
max.
T
LS
b
a
G
a
G
b
c



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com