Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30LVSD50-R Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 30LVSD50-R
Description  AC Line Rated Disc Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30LVSD50-R Datasheet(HTML) 3 Page - Vishay Siliconix

  30LVSD50-R Datasheet HTML 1Page - Vishay Siliconix 30LVSD50-R Datasheet HTML 2Page - Vishay Siliconix 30LVSD50-R Datasheet HTML 3Page - Vishay Siliconix 30LVSD50-R Datasheet HTML 4Page - Vishay Siliconix 30LVSD50-R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
30LVS Series
www.vishay.com
Vishay Cera-Mite
Revision: 06-Jun-13
3
Document Number: 23104
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LEAKAGE CURRENT VS. VOLTAGE (Typical)
INSERTION LOSS VS. FREQUENCY (Typical)
0
0.5
1
1.5
2
0
500
1000
1500
2000
2500
AC Voltage (V) RMS
30LVSD10-R
30LVSD28-R
30LVSD27-R
30LVSD22-R
30LVSD20-R
30LVSD15-R
0
0.5
1
1.5
2
0
500
1000
1500
2000
2500
AC Voltage (V) RMS
30LVSD40-R
30LVSD39-R
30LVSD33-R
30LVSD32-R
30LVSD30-R
0
1
2
3
4
5
0
500
1000
1500
2000
2500
AC Voltage (V) RM S
30LVSS10-R
30LVSD68-R
30LVSD55-R
30LVSD50-R
30LVSD47-R
0
1
2
3
4
0
500
1000
1500
2000
AC Voltage (V) RMS
30LVSVS10-R
30LVSVD47-R
Frequency (MHz)
1
10
100
10
20
30
40
50
100
30LVSD28-R
30LVSD27-R
30LVSD22-R
30LVSD10-R
30LVSD15-R
30LVSD20-R
Frequency (MHz)
110
100
10
20
30
40
50
100
30LVSD40-R
30LVSD39-R
30LVSD33-R
30LVSD30-R
30LVSD32-R
Frequency (MHz)
110
100
10
20
30
40
50
100
30LVSS10-R
30LVSD68-R
30LVSD55-R
30LVSD47-R
30LVSD50-R
Frequency (MHz)
1
10
100
10
20
30
40
50
100
30LVSVS10-R
30LVSVD47-R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com