Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDF1CS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EDF1CS
Description  Miniature Glass Passivated Ultrafast
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EDF1CS Datasheet(HTML) 2 Page - Vishay Siliconix

  EDF1CS Datasheet HTML 1Page - Vishay Siliconix EDF1CS Datasheet HTML 2Page - Vishay Siliconix EDF1CS Datasheet HTML 3Page - Vishay Siliconix EDF1CS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EDF1AS, EDF1BS, EDF1CS, EDF1DS
www.vishay.com
Vishay General Semiconductor
Revision: 19-Aug-13
2
Document Number: 88578
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) PCB mounted with 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad areas
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Derating Curves Output Rectified Current
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
Fig. 3 - Typical Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Leakage Characteristics Per Diode
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
EDF1AS
EDF1BS
EDF1CS
EDF1DS
UNIT
Typical thermal resistance (1)
RJA
38
°C/W
RJL
12
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
EDF1DS-E3/45
0.406
45
50
Tube
EDF1DS-E3/77
0.406
77
1500
13" diameter paper tape and reel
20
40
60
80
100
120
140
160
0
0.5
1.0
I
PK/IAV = π Resistive
or Inductive Load
0.75
0.25
0.51 x 0.51" (13 x 13 mm)
Copper Pads
Ambient Temperature (°C)
Capacitive
Loads
5.0
10
20
=
I
pk
I
AV
1
10
100
0
10
20
30
40
50
60
Number of Cycles at 60 Hz
T
J = 150 °C
Single Sine-Wave
1.0 Cycle
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
10
Instantaneous Forward Voltage (V)
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
0
20
40
60
80
100
0.1
1
10
100
1000
T
J = 125 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com