Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECKDNA331 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ECKDNA331
Description  Ceramic Disc Capacitors for Safety Regulations
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKDNA331 Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ECKDNA331 Datasheet HTML 1Page - Panasonic Semiconductor ECKDNA331 Datasheet HTML 2Page - Panasonic Semiconductor ECKDNA331 Datasheet HTML 3Page - Panasonic Semiconductor ECKDNA331 Datasheet HTML 4Page - Panasonic Semiconductor ECKDNA331 Datasheet HTML 5Page - Panasonic Semiconductor ECKDNA331 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Ceramic Disc Capacitors (Type NS-B)
s Dimensions in mm (not to scale)
s Typical Temperature Characteristics
s Ratings and Characteristics
*
n Capacitance tolerance code, “K” for ±10% or “M” for ±20%
** Radial taped versions are available on request.
ECKDNS103ME
ECKDNS472ZV
ECKDNS103ZV
ECKDNS223ZV
Part Number
Temperature
Characteristics
Capacitance
Tolerance
(%)
D max.
d
F
E/Y5U/2E4
V/Z5V
V/Z5V
V/Z5V
10000
4700
10000
22000
±20
+80, –20
+80, –20
+80, –20
22.0
12.0
17.5
24.0
0.65
0.65
0.65
0.65
10.0
7.5
10.0
10.0
Dimensions in mm
Nominal
Capacitance (pF)
Regarding previous recognized capacitors “Type NS”
• Following previous recognized capacitors “Type NS”
(4 items) in the table are applicable to UL (125V)
and CSA.
• Following capacitors “Type NS” (4 items) do not
conform to “New European Safety Standards” based
on IEC384-14, 2nd edition.
ECKDNB101
B
ECKDNB221
B
ECKDNB331
B
ECKDNB471
B
ECKDNB102
B
ECKDNB152
B
ECKDNB222
B
ECKDNB332
B
ECKDNB472
B
Part Number
Temperature
Characteristics
Capacitance
Nominal
Capacitance (pF)
Tolerance
(%)
D max.
d
F
B/Y5P/2B4
B/Y5P/2B4
B/Y5P/2B4
B/Y5P/2B4
B/Y5P/2B4
E/Y5U/2E4
E/Y5U/2E4
E/Y5U/2E4
E/Y5U/2E4
100
220
330
470
1000
1500
2200
3300
4700
±10 or ±20
±10 or ±20
±10 or ±20
±10 or ±20
±10 or ±20
±20
±20
±20
±20
10.5
10.5
10.5
10.5
10.5
10.5
10.5
13.0
16.0
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
7.5
7.5
7.5
7.5
7.5
7.5
7.5
10.0
10.0
Dimensions in mm
80
–20
0
20
40
60
+20
0
–20
–40
–60
–80
Temperature (
°C)
B char
E char
E
B
7.0 max.
d
± 0.05
F
D max.
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety issues arises from this product, please inform us immediately for technical consultation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com