Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMS-100 Datasheet(PDF) 2 Page - CUI INC

Part # VMS-100
Description  AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VMS-100 Datasheet(HTML) 2 Page - CUI INC

  VMS-100 Datasheet HTML 1Page - CUI INC VMS-100 Datasheet HTML 2Page - CUI INC VMS-100 Datasheet HTML 3Page - CUI INC VMS-100 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
date
07/22/2013
page
2 of 4
CUI Inc
│ SERIES: VMS-100 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
47
63
Hz
inrush current
at 240 Vac
80
A
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
low line to high line, full load
±0.5
%
load regulation
10% to 100% full load
±1
%
temperature coefficient
±0.05
%/°C
hold-up time
16
ms
adjustability
±5
%
switching frequency
80
100
kHz
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
recycle ac input to restart
short circuit protection
hiccup mode, recovers automatically
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output
5,656
Vdc
safety approvals
IEC 60601-1, EN 60601-1, UL 60601-1
EMI/EMC
EN 55024, EN 61000-6-1, EN 61204-3, EN 60601-1-2, EN 61000-3-2 Class (A, B, C, D), EN 61000-3-3,
EN 55011 Class B, EN 55022 Class B, FCC Part 15 Class B
leakage current
0.3
mA
RoHS compliant
yes
MTBF
MIL-HDBK-217F, GB, at 25°C, 115 Vac
200,000
hrs
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-20
70
°C
storage temperature
-20
85
°C
operating humidity
non-condensing
93
%
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
127.00 x 76.20 x 26.67 (5.00 x 3.00 x 1.05 inch)
mm
weight
270
g
cooling method
free air convection (see derating curves below)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com