Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOF-25-24 Datasheet(PDF) 1 Page - CUI INC

Part # VOF-25-24
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-25-24 Datasheet(HTML) 1 Page - CUI INC

  VOF-25-24 Datasheet HTML 1Page - CUI INC VOF-25-24 Datasheet HTML 2Page - CUI INC VOF-25-24 Datasheet HTML 3Page - CUI INC VOF-25-24 Datasheet HTML 4Page - CUI INC VOF-25-24 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date
08/17/2012
page
1 of 5
SERIES:
VOF-25
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple1
and noise
efficiency
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VOF-25-3.3
3.3
4.4
15
50
70
VOF-25-5
5
4.4
22
50
73
VOF-25-7.5
7.5
3.0
23
75
73
VOF-25-9
9
2.7
24
90
77
VOF-25-12
12
2.0
24
120
80
VOF-25-15
15
1.6
24
150
80
VOF-25-24
24
1.0
24
240
82
Notes:
1. Ripple & noise are measured at 20 MHz BW with 0.1 μF ceramic cap and a 10 μF electrolytic capacitors on the output and the two
earth ground pads are connected to input earth ground.
PART NUMBER KEY
VOF-25 - XX
Base Number
Output Voltage
FEATURES
• up to 25 W continuous power
• compact size
• universal input (85~264 Vac)
• single output from 3.3~24 V
• user trimmable output voltage
• 3000 V isolation
• over current, over voltage, and short circuit protections
• UL/cUL and TUV 60950-1 safety approvals
• efficiency up to 82%
RoHS


Similar Part No. - VOF-25-24

ManufacturerPart #DatasheetDescription
logo
CUI INC
VOF-25-24 CUI-VOF-25-24 Datasheet
777Kb / 3P
Switching Power Supply
VOF-25-24 CUI-VOF-25-24 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
More results

Similar Description - VOF-25-24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com