Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW76TAP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BYW76TAP
Description  Fast Avalanche Sinterglass Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYW76TAP Datasheet(HTML) 3 Page - Vishay Siliconix

  BYW76TAP Datasheet HTML 1Page - Vishay Siliconix BYW76TAP Datasheet HTML 2Page - Vishay Siliconix BYW76TAP Datasheet HTML 3Page - Vishay Siliconix BYW76TAP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BYW72, BYW73, BYW74, BYW75, BYW76
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 11-Sep-12
3
Document Number: 86050
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Max. Reverse Power Dissipation vs. Junction Temperature
Fig. 6 - Diode Capacitance vs. Reverse Voltage
Fig. 7 - Thermal Response
PACKAGE DIMENSIONS in millimeters (inches): SOD-64
0
50
250
100
150
200
300
25
50
75
100
125
150
175
Tj - Junction Temperature (°C)
16358
P
R-Limit
at 100 % V
R
P
R-Limit
at 80 % V
R
V
R = VRRM
0
10
20
30
50
70
40
60
80
90
0.1
1
10
100
VR - Reverse Voltage (V)
16359
f = 1 MHz
1
10
100
1000
10
-4
10
2
10
1
10
0
10
2
10
1
10
-0
10
-1
10
-2
10
-3
tp - Pulse Length (s)IFRM - Repetitive Peak
Forward Current (A)
949562
t
p/T = 0.5
0.2
0.02
0.05
0.01
0.1
V
RRM = 600 V
R
thJA = 70 K/W
T
amb = 25 °C
45 °C
70 °C
100 °C
Cathode Identification
4.3 (0.168) max.
1.35 (0.053) max.
4 (0.156) max.
Sintered Glass Case
SOD-64
26(1.014) min.
26 (1.014) min.
Document-No.: 6.563-5006.4-4
Rev. 3 - Date: 09.February.2005
94 9587



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com