Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC5302DM Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSC5302DM
Description  High Voltage & High Speed Power Switch Application
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC5302DM Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSC5302DM Datasheet HTML 1Page - Fairchild Semiconductor KSC5302DM Datasheet HTML 2Page - Fairchild Semiconductor KSC5302DM Datasheet HTML 3Page - Fairchild Semiconductor KSC5302DM Datasheet HTML 4Page - Fairchild Semiconductor KSC5302DM Datasheet HTML 5Page - Fairchild Semiconductor KSC5302DM Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B1, December 2002
Electrical Characteristics T
C=25°C unless otherwise noted
*Pulse Test : Pulse Width=5mS, Duty cycles ≤ 10%
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC=1mA, IE=0
800
-
-
V
BVCEO
Collector-Emitter Breakdown Voltage
IC=5mA, IB=0
400
-
-
V
BVEBO
Emitter Cut-off Current
IE=1mA, IC=0
12
-
-
V
ICBO
Collector Cut-off Current
VCB=500V, IE=0
-
-
10
µA
IEBO
Emitter Cut-off Current
VEB = 9V, IC = 0
-
-
10
µA
hFE1
hFE2
DC Current Gain
VCE=1V, IC=0.4A
VCE=1V,IC=1A
20
10
-
-
-
-
VCE(sat)
Collector-Emitter Saturation Voltage
IC=0.4A, IB=0.04A
IC=1A, IB=0.2A
-
-
-
-
0.4
0.5
V
V
VBE(sat)
Collector-Emitter Saturation Voltage
IC=0.4A, IB=0.04A
IC=1A, IB=0.2A
-
-
-
-
0.9
1.0
V
V
Cob
Output Capacitance
VCB = 10V, f=1MHz
-
-
75
pF
tON
Turn On Time
VCC=300V, IC =1A
IB1 = 0.2A, IB2=-0.5A
RL = 300Ω
-
-
150
ns
tSTG
Storage Time
-
-
2
µs
tF
Fall Time
-
-
0.2
µs
tSTG
Storage Time
VCC=15V, VZ=300V
IC = 0.8A, IB1 = 0.16A
IB2 = -0.16A, LC=200µH
-
-
2.35
µs
tF
Fall Time
-
-
150
ns
VF
Diode Forward Voltage
IF = 0.4A
IF = 1A
-
-
-
-
1.2
1.5
V
V
trr
* Reverse Recovery Time
(di/dt = 10A/
µs)
IF = 0.2A
IF = 0.4A
IF = 1A
-
-
-
800
1
1.4
-
-
-
ns
µs
µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com