Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRCW0603RJSECIF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CRCW0603RJSECIF
Description  Lead (Pb)-free Thick Film, Rectangular, Pulse Proof Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW0603RJSECIF Datasheet(HTML) 3 Page - Vishay Siliconix

  CRCW0603RJSECIF Datasheet HTML 1Page - Vishay Siliconix CRCW0603RJSECIF Datasheet HTML 2Page - Vishay Siliconix CRCW0603RJSECIF Datasheet HTML 3Page - Vishay Siliconix CRCW0603RJSECIF Datasheet HTML 4Page - Vishay Siliconix CRCW0603RJSECIF Datasheet HTML 5Page - Vishay Siliconix CRCW0603RJSECIF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.vishay.com
For technical questions, contact: filmresistors.thickfilmchip@vishay.com
Document Number: 20024
3
Revision: 13-Oct-08
D../CRCW....-IF e3
Vishay
Lead (Pb)-free Thick Film, Rectangular,
Pulse Proof Chip Resistors
1
0.000001 0.00001 0.0001
0.001
0.01
0.1
1
10
100
Maximum pulse dissipation as a function of the pulse duration, continuous pulse
Maximum pulse load, continuous pulses; applicable if P
≤ P (ϑamb) and Û ≤ Ûmax.;
for permissible resistance change equivalent to 8000 h operation
Pulse Duration (s)
0.1
0.01
10
100
1000
10 000
1206
0805
0603
0402
200
0.00001
0.0001
0.001
0.01
0.1
1
10
Maximum permissible pulse voltage as a function of pulse duration
Pulse Duration (s)
100
0
300
400
500
800
600
700
Maximum pulse voltage, single and continuous pulses; applicable if
P
≤ Pmax.; for permissible resistance change equivalent to 8000 h operation
1206
0805
0603
0402
1
10
100
1000
10 000
100 000
Single-pulse high voltage overload test 1.2/50 µs EN140000 4.27
Resistance Value (
Ω)
1
10
1000
100
Pulse load rating in accordance to EN 60115-1, 4.27; 1.2 µs/50 µs;
5 pulses at 12 s intervals; for permissible resistance change 1 %
1206
0805
0603
0402



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com