Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15188-3-R-S Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 15188-3-R-S
Description  Disconnect terminal blocks for 35mm DIN rail mount.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

15188-3-R-S Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  15188-3-R-S Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For more information, visit www.cooperbussmann.com
308
Connectors
15288 Series
Specifications
Description:
Disconnect
terminal
blocks for
35mm DIN rail
mount.
Rating: 65A, 600V*
Center Spacing: 0.54” (13.7mm)
Wire Range: #6-16 AWG
Screw Size: #8-32 zinc-plated philslot
Number of Poles: 3-pole only
Mounting: 35mm DIN Rail
Optional Accessories: Optional End Stop NDNAS
(order optional accessories seperately)
Materials: Molded Base: UL rated 94V2 thermoplastic.
Tin-plated copper alloy contacts.
Torque Rating: 20 lb-in (30 lb-in for 8AWG bare wire)
Operating Temperature: 105°C (221°F)
Agency Information: UL File E62622
*CSA rating achieved with #6 AWG wire crimped to ring terminal 50A without.
1.94
(49.27)
1.70
(43.2)
1.94
(49.27)
0.54
(13.7)
2.30
(58.4)
for ST option
1.70
(43.2)
In-Line Wiring Direction
Rail Mount Disconnect Terminal Blocks
15188 Series
Specifications
Description: Disconnect terminal
blocks for 35mm DIN rail mount.
Rating: 30A, 600V*
Center Spacing: 0.375”
(9.52mm)
Wire Range: #12-16 AGW Cu
Screw Size: #6-32 zinc-plated philslot
Number of Poles: 3- and 4-pole only
Mounting: 35mm DIN Rail
Optional End Stop NDNAS
Jumpers: 2- through 4-pole available
Materials: Molded Base: UL rated 94V-2 thermoplastic.
Tin plated copper alloy contacts.
Torque Rating: 12 lb-in
Operating Temperature: 105°C
Agency Information: UL File E62622, CSA File 47235.
* 30A rating achieved with #10AWG wire crimped to ring terminal; 25A without.
1.94
(49.27)
3 Pole = 1.19 (30.22)
4 Pole = 1.56 (39.62)
1.94
(49.27)
0.375
(9.52)
0.22
(5.58)
3 Pole = 1.19 (30.22)
4 Pole = 1.56 (39.62)
Reverse Wiring Direction
Dimensions - in (mm)
In-Line Wiring Direction
Dimensions - in (mm)
Reverse Wiring Direction
Catalog Number Build-A-Code
Series
Poles
Wiring
Options
15188 –
3 to 4
Blank = In-line
S = Locking Snap
R = Reverse
Catalog Number Build-A-Code
Series
Poles
Wiring
Options**
15288 –
3
Blank = In-line
S = Snap
R = Reverse
ST = Screw Together
SS = Solid DIN Rail Snap
**Options can be combined, e.g. STSS


Similar Part No. - 15188-3-R-S

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
15188 COOPER-15188 Datasheet
130Kb / 1P
Disconnect terminal blocks for 35mm DIN rail mount
logo
Weidmuller
1518860000 WEIDMULLER-1518860000 Datasheet
1Mb / 19P
BLF 5.08HC/18/180 SN BK BX
More results

Similar Description - 15188-3-R-S

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
15188 COOPER-15188 Datasheet
130Kb / 1P
Disconnect terminal blocks for 35mm DIN rail mount
NRA37-1 COOPER-NRA37-1 Datasheet
47Kb / 1P
Rail Mount Terminal Blocks
logo
List of Unclassifed Man...
DNR-4790 ETC2-DNR-4790 Datasheet
31Kb / 1P
35mm DIN MOUNTING RAIL
N512-BK ETC2-N512-BK Datasheet
77Kb / 1P
Rail Mount Terminal Blocks
SRN4-C ETC2-SRN4-C Datasheet
135Kb / 2P
Panel mount or 35mm Din Rail (EN50022)
logo
Crydom Inc.,
DRK1 CRYDOM-DRK1_17 Datasheet
338Kb / 2P
DIN Rail Adapter fits Standard 35mm DIN Rail
logo
COSEL CO., LTD.
KHNA240F-24 COSEL-KHNA240F-24 Datasheet
3Mb / 20P
For DIN (35mm) rail products
June 29, 2020
logo
WAGO Kontakttechnik Gmb...
2002-401 WAGO-2002-401 Datasheet
59Kb / 3P
Disconnect plug for carrier terminal blocks
24.11.2021
logo
CamdenBoss Ltd.
CTBPD96HJ CAMDENBOSS-CTBPD96HJ Datasheet
589Kb / 1P
5 .08mm DIN rail mounte dinverted/ reverse terminal blocks
CTBPD96VJ CAMDENBOSS-CTBPD96VJ Datasheet
589Kb / 1P
5 .08mm DIN rail mounte dinverted/ reverse terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com