Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP3-R10-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FP3-R10-R
Description  155째C maximum total temperature operation Low profile high current inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FP3-R10-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FP3-R10-R Datasheet HTML 1Page - Cooper Bussmann, Inc. FP3-R10-R Datasheet HTML 2Page - Cooper Bussmann, Inc. FP3-R10-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
• 155°C maximum total temperature operation
• Low profile high current inductors
• Inductance range 0.1uh to 15uh
• Design utilizes high temperature powder iron material with a
non-organic binder to eliminate thermal aging
• Current rating up to 34.7Adc (Higher peak currents may be
attained with a greater rolloff, see rolloff curve)
• Frequency range up to 2MHz
Applications
• Computers and portable power devices
• Energy storage applications
• DC-DC converters
• Input - Output filer application
Environmental Data
• Storage temperature range: -40°C to +155°C
• Operating ambient temperature range: -40°C to +155°C
(range is application specific).
• Solder reflow temperature: +260°C max. for 10 seconds max.
Packaging
• Units supplied in tape and reel packaging.
Reel quantity = 1,700 parts per reel.
Part
Rated
OCL (1)
Irms (2)
Isat (3)
Isat (4)
DCR
K-factor (5)
Number
Inductance
µH ± 15%
Amperes
Amperes
Amperes
mOhms @ 20°C
µH
Approx. 10%
Approx. 15%
(Max.)
FP3-R10-R
0.10
0.10
19.0
27
34.7
1.21
803
FP3-R20-R
0.20
0.22
15.3
16
20.8
1.88
482
FP3-R47-R
0.47
0.44
10.9
11.6
14.9
3.67
344
FP3-R68-R
0.68
0.72
9.72
9.0
11.6
4.63
268
FP3-1R0-R
1.00
1.10
6.26
7.4
9.5
11.2
219
FP3-1R5-R
1.50
1.50
5.78
6.2
8.0
13.1
185
FP3-2R0-R
2.00
2.00
5.40
5.4
6.9
15.0
161
FP3-3R3-R
3.30
3.20
3.63
4.3
5.5
30.0
127
FP3-4R7-R
4.70
4.70
3.23
3.5
4.2
40.0
105
FP3-8R2-R
8.20
8.5
2.91
2.6
3.4
74.0
78
FP3-100-R
10.0
10.9
2.30
2.3
3.0
101
69
FP3-150-R
15.0
14.9
2.22
2.0
2.5
127
59
1) OCL (Open Circuit Inductance) Test parameters: 100kHz, 0.1Vrms, 0.0Adc
2) DC current for an approximate
∆T of 40°C without core loss. Derating is
necessary for AC currents. PCB layout, trace thickness and width, air-flow, and
proximity of other heat generating components will affect the temperature rise.
It is recommended that the temperature of the part not exceed 155°C under
worst case operating conditions verified in the end application.
3) Isat Amperes Peak for approximately 10% rolloff @ 20°C
4) Isat Amperes Peak for approximately 15% rolloff @ 20°C
5) K-factor: Used to determine B p-p for core loss (see graph). B p-p =K*L*
∆I
B p-p:(Gauss), K: (K factor from table), L: (Inductance in uH),
∆I (Peak to peak
ripple current in Amps).
FLAT-PAC™ 3
Low Profile Inductors
Mechanical Diagrams
TOP VIEW
FRONT VIEW
7.50
4.50 (2x)
2.50 (2x)
RECOMMENDED PCB PAD LAYOUT
2
SCHEMATIC
1
3.00 Max
2.8
±0.25
(2x)
XXX
7.25
Max
6.70
Max
yww
2
2.8
±0.25
FP3
(2x)
1
SIDE VIEW
1.0 min.
(2x)
4.0
2.0
12.0
Ao
Ko
Bo
16.0
+/-0.3
7.5
1.75
A
2
1
A
Ao= 6.6mm
Bo= 7.1mm
Ko= 3.2mm
0.3 Rad
max.
1.5 Dia
min.
0.30
+/-0.05
1.5 Dia
+0.1/-0.0
0.5 Rad
typ.
Direction of Feed
SECTION A-A
Packaging Information
Dimensions in Millimeters
xxx = Inductance value
yww = Date code
RoHS
2002/95/EC


Similar Part No. - FP3-R10-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FP3-R10-R COOPER-FP3-R10-R Datasheet
139Kb / 3P
Low Profile Inductors
logo
Eaton All Rights Reserv...
FP3-R10-R EATON-FP3-R10-R Datasheet
367Kb / 4P
High current, low profile inductors
More results

Similar Description - FP3-R10-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
125C maximum total temperature operation
DR1050-R80-R COOPER-DR1050-R80-R Datasheet
194Kb / 3P
125째C maximum total temperature operation Low profile surface mount inductor
logo
Vishay Siliconix
IFSC1515AHER220M01 VISHAY-IFSC1515AHER220M01 Datasheet
90Kb / 2P
Low Profile, High Current Inductors
10-Mar-14
IFSC1008ABER1R0M01 VISHAY-IFSC1008ABER1R0M01 Datasheet
84Kb / 2P
Low Profile, High Current Inductors
16-May-12
logo
Cooper Bussmann, Inc.
HC8LP-5R6-R COOPER-HC8LP-5R6-R Datasheet
143Kb / 3P
155C maximum temperature operation
logo
Vishay Siliconix
IFLR-2727EZ-01 VISHAY-IFLR-2727EZ-01 Datasheet
253Kb / 4P
Low Profile, High Current Inductors
02-Aug-16
IFLR-4027EZ-01 VISHAY-IFLR-4027EZ-01 Datasheet
248Kb / 4P
Low Profile, High Current Inductors
02-Aug-16
IHHP-0806AZ-01 VISHAY-IHHP-0806AZ-01 Datasheet
248Kb / 4P
Low Profile, High Current Inductors
23-Jan-17
IFSC-1515AH-01 VISHAY-IFSC-1515AH-01 Datasheet
83Kb / 2P
Low Profile, High Current Inductors
04-Oct-17
IFSC-1008AB-01 VISHAY-IFSC-1008AB-01_V01 Datasheet
70Kb / 2P
Low Profile, High Current Inductors
23-Jul-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com