Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC-34-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # ABC-34-R
Description  ABC Series, Fast-Acting, Ceramic Tube
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

ABC-34-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  ABC-34-R Datasheet HTML 1Page - Cooper Bussmann, Inc. ABC-34-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
⁄4” x 1 1⁄4” Glass Tube Fuses
ABC Series, Fast-Acting, Ceramic Tube
0613
BU-SB13635
Page 1 of 2
Data Sheet 2000
Description
• Fast-acting, ceramic tube
• Optional axial leads available
• 1⁄4” x 1 1⁄4” (6.4 x 31.7mm) physical size
• Ceramic tube, nickel-plated brass endcap construction
• UL Listed product meets standard 248-14
Agency Information
• UL Listed Guide JDYX & File E19180
• UL Recognition Guide JDYX2 & File E19180
• CSA Certification: Class No: 1422-01 & 1422-30,
File 53787
Environmental Data
• Shock: 1⁄4A - 30A – MIL-STD-202, Method 213,
Test Condition J
• Vibration: 1⁄4A - 30A – MIL-STD-202, Method 204,
Test Condition C (Except 5g, 500Hz)
Ordering
• Specify packaging, product and option code
ELECTRICALCHARACTERISTICS
%ofAmpRating
OpeningTime
100%
4HoursMinimum
135%
60Minutesmaximum
200%
120SecondsMaximum
Specifications
Voltage
Vac Interrupting
Vdc Interrupting
Typical
Typical
Typical
Part
Ratings
Ratings* (amps)
Ratings (amps)
DC Cold
Pre-Arc
Voltage
Agency Approvals
Number
Vac
Vdc
250
125
125
75
Resistance (
Ω)**
I
2t AC†
Drop (V)
‡
UL
UR
CSA
ABC-1⁄4-R
250
125
35
10,000
10,000
–
2.950
0.0020
0.35
X
X
ABC-
1⁄2-R
250
125
35
10,000
10,000
–
0.587
0.0390
0.41
X
X
ABC-3⁄4-R
250
125
35
10,000
10,000
–
0.300
0.1450
0.32
X
X
ABC-1-R
250
125
35
10,000
10,000
–
0.1950
0.4310
0.3
X
X
ABC-1-1⁄2-R
250
125
100
10,000
10,000
–
0.131
1.1630
0.28
X
X
ABC-2-R
250
125
100
10,000
10,000
–
0.0890
2.1670
0.31
X
X
ABC-2-
1⁄2-R
250
125
100
10,000
10,000
–
0.061
4.4670
0.23
X
X
ABC-3-R
250
125
100
10,000
10,000
–
0.047
6.55
0.14
X
X
ABC-4-R
250
125
200
10,000
10,000
–
0.031
22.28
0.17
X
X
ABC-5-R
250
125
200
10,000
10,000
–
0.026
32.83
0.22
X
X
ABC-6-R
250
125
200
10,000
10,000
–
0.021
58
0.19
X
X
ABC-7-R
250
125
200
10,000
10,000
–
0.016
109.33
0.17
X
X
ABC-8-R
250
125
200
10,000
10,000
–
0.014
116.5
0.19
X
X
ABC-10-R
250
125
200
10,000
10,000
–
0.011
208.8
0.15
X
X
ABC-12-R
250
125
750
10,000
10,000
–
0.0068
133.3
0.1
X
X
ABC-15-R
250
125
750
10,000
10,000
–
0.00553
200.2
0.1
X
X
ABC-18-R
250
–
400
1000
–
–
0.00465
400
0.1
X
X
ABC-20-R
250
125
400
1000
10,000
–
0.00366
550.8
0.1
X
X
ABC-25-R
250
125
200
1000
400
1000
0.0028
839.3
0.09
X
X‡‡
ABC-30-R
250
125
200
1000
400
1000
0.002225
1429
0.09
X
X
‡‡
* Interruptingratingsmeasuredat70%-80%powerfactoronAC.Theinterruptingratingsfor18Aand20Aweremeasuredat85%-95%powerfactoronAC.The
interruptingratingsfor25Aand30Aweremeasuredat89%powerfactoronAC.
** TypicalDCcoldresistancemeasuredat<10%ofratedcurrent.
† TypicalmeltingI2tmeasuredatlistedinterruptingratingandratedvoltage.
‡ Typicalvoltagedropmeasuredat25°C±3°Cambienttemperatureatratedcurrent.
‡‡ CSAapprovalsfor25Aand30Aareat125Vac-IR1000Aand125Vdc-IR400A(IR1000Aat75Vdc)
Dimensions - mm
DrawingNottoScale


Similar Part No. - ABC-34-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
ABC-34-R COOPER-ABC-34-R Datasheet
210Kb / 2P
Fast-acting, ceramic tube Optional axial leads available
ABC-34-R COOPER-ABC-34-R Datasheet
279Kb / 2P
1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
More results

Similar Description - ABC-34-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
BK-AGC-1-2-R COOPER-BK-AGC-1-2-R Datasheet
183Kb / 3P
AGC Series, Fast Acting, Glass Tube
BKAGC-1-2-R COOPER-BKAGC-1-2-R Datasheet
164Kb / 2P
AGC Series, Fast Acting, Glass Tube
ABC-14-R COOPER-ABC-14-R Datasheet
210Kb / 2P
Fast-acting, ceramic tube Optional axial leads available
S501-2-R COOPER-S501-2-R Datasheet
102Kb / 2P
5mm x 20mm Fuses S501 Series, Fast Acting, Ceramic Tube
BKABC-20-R COOPER-BKABC-20-R Datasheet
210Kb / 2P
1????x 1 1????Glass Tube Fuses ABC Series, Fast-Acting, Ceramic Tube
S501-5-R COOPER-S501-5-R Datasheet
340Kb / 2P
5 x 20mm, Fast-Acting, Ceramic Tube Fuses
GDA-50MA COOPER-GDA-50MA Datasheet
255Kb / 2P
GDA Series, Fast-Acting, Ceramic Tube
logo
Eaton All Rights Reserv...
1025HC EATON-1025HC Datasheet
514Kb / 9P
Fast-acting, high current, surface mount ceramic tube fuses
ABC EATON-ABC Datasheet
260Kb / 2P
1????x 1 1????Fast-acting ceramic tube fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com