Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS1-11-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # CMS1-11-R
Description  CMS-SERIES Common Mode Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CMS1-11-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  CMS1-11-R Datasheet HTML 1Page - Cooper Bussmann, Inc. CMS1-11-R Datasheet HTML 2Page - Cooper Bussmann, Inc. CMS1-11-R Datasheet HTML 3Page - Cooper Bussmann, Inc. CMS1-11-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Mechanical Diagrams
CMS1 Series
Part Number
OCL
I rms.
DCR (
Ω) typ
DCR (
Ω) typ
Leakage
Interwinding
(uH) minimum
Amperes
@ 20°C
@ 20°C
Inductance (uH)
Capacitance (pF)
(1-2) & (3-4)
Max *
(1-2)
(4-3)
typ
typ
CMS3-4-R
88
3.95
0.010
0.010
0.85
3.50
CMS3-5-R
146
3.10
0.017
0.017
1.30
3.70
CMS3-6-R
217
2.85
0.020
0.020
1.90
3.90
CMS3-7-R
258
2.45
0.027
0.027
2.20
4.15
CMS3-8-R
350
2.00
0.040
0.040
3.00
4.40
CMS3-9-R
400
1.70
0.053
0.053
3.30
4.65
CMS3-10-R
518
1.45
0.076
0.076
4.20
4.85
CMS3-11-R
648
1.20
0.107
0.107
5.10
5.10
CMS3-12-R
790
1.05
0.145
0.145
6.10
5.35
CMS3-13-R
1030
0.88
0.210
0.210
7.80
5.55
CMS3-14-R
1310
0.75
0.300
0.300
9.60
5.80
Definitions:
OCL = Open Circuit Inductance
DCR = Direct Current Resistance
Irms = rms current for approx. a 40°C temperature rise at an ambient temperature of 85°C.
*Operating Temperature: 160°C Max. Inductance values are sustained up to 160°C.
Electrical Characteristics:
OCL (1-2) 0.10Vrms, 100kHz, 0.0Adc: (See Chart)
OCL (4-3) 0.10Vrms, 100kHz, 0.0Adc: (See Chart)
DCR (1-2) typ @ 20°C: (See Chart)
DCR (4-3) typ @ 20°C: (See Chart)
Hipot rating: winding to winding: 300Vdc min. for 1 second.
Turns Ratio: (1-2):(4-3) 1:1
3
3
3
3
3
4
4
4
4
4
2
2
2
2
2
1
1
1
1
1
TOP VIEW
F
9.4 max
7.2 max
Pin 1 indicator
White dot
2
wwllyy R
CMS1-
FRONT VIEW
R
2.6 max
w
RECOMMENDED PCB LAYOUT
S
SCHEMATIC
4
1
3
1:1
2
CMS2 Series
CMS3 Series
CMS-SERIES
Common Mode Inductors
(Surface Mount)
wwllyy = Date code R = Revision level



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com