Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS1-14-R Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # CMS1-14-R
Description  CMS-SERIES Common Mode Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CMS1-14-R Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  CMS1-14-R Datasheet HTML 1Page - Cooper Bussmann, Inc. CMS1-14-R Datasheet HTML 2Page - Cooper Bussmann, Inc. CMS1-14-R Datasheet HTML 3Page - Cooper Bussmann, Inc. CMS1-14-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Attenuation Curves
Packaging Information
CMS1 Series
Direction of feed
.30
+/-0.05
0.3Rad
max.
Ko
SECTION A-A
1.5 Dia
min.
Bo
Ao
12.0
4.0
See note 1
2.0
See note 6
1.5 Dia.
+0.1/-0.0
A
A
1.75
7.5
See note 6
16.0
+/-0.3
0.5Rad
typ.
Pin #1 indicator
Ao= 7.3mm
Bo= 10.1mm
Ko= 2.7mm
CMS2 Series
Ko=6.4mm
Bo=9.3mm
Ao=9.3mm
A
A
SECTION A-A
max.
0.3Rad
0.30
+/-0.05
K
Pin #1 Indicator
B
A
1.5 dia
+0.1/-0.0
1.5 dia
min
4.0
(see note 1)
2.0
(see note 6)
12.0
0.5 rad
typ
1.75
11.5
(see note 6)
24.0
+/-0.3
User direction of feed
6.7
Ko=6.8mm
Bo=11.8mm
Ao=11.8mm
A
A
SECTION A-A
max.
0.3Rad
0.35
+/-0.05
K
Pin #1 Indicator
B
A
1.5 dia
+0.1/-0.0
1.5 dia
min
4.0
(see note 1)
2.0
(see note 6)
16.0
0.5 rad
typ
1.75
11.5
(see note 6)
24.0
+/-0.3
User direction of feed
7.1
CMS3 Series
Attenuation Curves
CMS & CMT Product Family
-1 -4
-7
-11
-14
-1
-4 -7
-11
-14
Attenuation
CMS 3
Series
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1
2
4
6
8
10
20
40
FREQUENCY (MHz)
-1
-4
-7
-11
-14
-70
-60
-50
-40
-30
-20
-10
0
0.06
0.1
0.2
0.6
1
2
4
-6 -7 -8 -9
-10
-1 -2 -3
-4 -5
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
0.08
0.1
0.15
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-6
-7 -8
-9
-10
-1 -2 -3 -4 -5
-50
-45
-40
-35
-30
-25
-20
-15
-10
0.06
0.1
0.2
0.4
0.6
0.8
1
2
4
6
-1
-2
-3
-5
-4
-6
Attenuation Curves
CMS & CMT Product Family
-1 -4
-7
-11
-14
Attenuation
CMS 2
Series
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1
2
4
6
8
10
20
40
60
FREQUENCY (MHz)
-1
-4 -7
-11
-14
-1
-4
-7
-11
-14
-70
-60
-50
-40
-30
-20
-10
0
0.06
0.1
0.2
0.6
1
2
4
-6 -7 -8 -9
-10
-1 -2 -3
-4 -5
-6
-7 -8
-9
-10
-1 -2 -3 -4 -5
-1
-2
-3
-5
-4
-6
Attenuation Curves
CMS & CMT Product Family
Attenuation
CMS 1
Series
-35
-30
-25
-20
-15
-10
-5
0
1
2
4
6
8
10
20
40
60
FREQUENCY (MHz)
-1 -4
-7
-11
-14
-1
-4 -7
-11
-14
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1
2
4
6
8
10
20
40
-1
-4
-7
-11
-14
-6 -7 -8 -9
-10
-1 -2 -3
-4 -5
-6
-7 -8
-9
-10
-1 -2 -3 -4 -5
-1
-2
-3
-5
-4
-6
CMS-SERIES
Common Mode Inductors
(Surface Mount)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com