Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS2-1-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # CMS2-1-R
Description  CMS-SERIES Common Mode Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CMS2-1-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  CMS2-1-R Datasheet HTML 1Page - Cooper Bussmann, Inc. CMS2-1-R Datasheet HTML 2Page - Cooper Bussmann, Inc. CMS2-1-R Datasheet HTML 3Page - Cooper Bussmann, Inc. CMS2-1-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description
• 160°C maximum total temperature
• Three sizes of surface mount torroidal common
mode inductors that provide 300Vdc isolation
• Inductance range from 5.5uH to 1600uH
• Current range up to 7.0 Amps
• Noise attenuation up to 44 dB
• Frequency range up to 100 MHz
• Meets UL94V-0 flammability standard
• Ferrite core material
Applications
• EMI filters
• DC-DC brick power supplies
• Discrete output supplies
• Discrete and point-of-use power supplies (PUPS)
Environmental Data
• Storage temperature range: -40°C to +160°C
• Operating ambient temperature range: -40°C to +160°C
(range is application specific)
• Solder reflow temperature: +260°C max for 10 seconds
max.
Packaging
• Supplied in tape and reel packaging, 2,000 (CMS1),
800 (CMS2), and 600 (CMS3) per reel
Part Number
OCL
I rms.
DCR (
Ω) typ
DCR (
Ω) typ
Leakage
Interwinding
(uH) minimum
Amperes
@ 20°C
@ 20°C
Inductance (uH)
Capacitance (pF)
(1-2) & (3-4)
Max *
(1-2)
(4-3)
typ
typ
CMS1-1-R
4.5
7.00
0.0027
0.0027
0.05
2.0
CMS1-2-R
8
5.70
0.0040
0.0040
0.09
2.1
CMS1-3-R
12.6
4.10
0.0077
0.0077
0.14
2.2
CMS1-4-R
18
3.80
0.0089
0.0089
0.20
2.3
CMS1-5-R
25
3.60
0.0100
0.0100
0.28
2.4
CMS1-6-R
32.8
3.10
0.0138
0.0138
0.36
2.5
CMS1-7-R
41.5
2.60
0.019
0.019
0.45
2.6
CMS1-8-R
51.2
2.20
0.026
0.026
0.056
2.7
CMS1-9-R
62
1.90
0.035
0.035
0.68
2.7
CMS1-10-R
73.7
1.65
0.048
0.048
0.81
2.8
CMS1-11-R
100
1.35
0.070
0.070
1.10
2.9
CMS1-12-R
131
1.15
0.100
0.100
1.45
3.0
CMS1-13-R
166
1.00
0.138
0.138
1.83
3.1
CMS1-14-R
205
0.85
0.186
0.186
2.25
3.2
CMS2-1-R
25
5.35
0.005
0.005
0.22
2.0
CMS2-2-R
40
4.40
0.008
0.008
0.34
2.3
CMS2-3-R
57
3.60
0.012
0.012
0.47
2.5
CMS2-4-R
102
2.80
0.019
0.019
0.80
2.8
CMS2-5-R
160
2.30
0.029
0.029
1.25
3.1
CMS2-6-R
230
1.85
0.044
0.044
1.75
3.4
CMS2-7-R
270
1.60
0.060
0.060
2.00
3.6
CMS2-8-R
360
1.35
0.084
0.084
2.60
3.9
CMS2-9-R
460
1.10
0.120
0.120
3.30
4.1
CMS2-10-R
575
0.94
0.170
0.170
4.00
4.3
CMS2-11-R
700
0.80
0.230
0.230
5.00
4.6
CMS2-12-R
915
0.67
0.330
0.330
6.30
4.9
CMS2-13-R
1070
0.58
0.440
0.440
7.30
5.1
CMS2-14-R
1340
0.50
0.620
0.620
9.00
5.4
CMS3-1-R
28
5.70
0.005
0.005
0.31
2.80
CMS3-2-R
45
5.10
0.006
0.006
0.46
3.05
CMS3-3-R
64
4.75
0.007
0.007
0.64
3.30
Definitions:
OCL = Open Circuit Inductance
DCR = Direct Current Resistance
Irms = rms current for approx. a 40°C temperature rise at an ambient temperature of 85°C.
*Operating Temperature: 160°C Max. Inductance values are sustained up to 160°C.
Electrical Characteristics:
OCL (1-2) 0.10Vrms, 100kHz, 0.0Adc: (See Chart)
OCL (4-3) 0.10Vrms, 100kHz, 0.0Adc: (See Chart)
DCR (1-2) typ @ 20°C: (See Chart)
DCR (4-3) typ @ 20°C: (See Chart)
Hipot rating: winding to winding: 300Vdc min. for 1 second.
Turns Ratio: (1-2):(4-3) 1:1
CMS-SERIES
Common Mode Inductors
(Surface Mount)
RoHS
2002/95/EC


Similar Part No. - CMS2-1-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CMS2-1-R COOPER-CMS2-1-R Datasheet
249Kb / 4P
160C maximum total temperature Three sizes of surface mount torroidal common
logo
Eaton All Rights Reserv...
CMS2-1-R EATON-CMS2-1-R Datasheet
528Kb / 6P
Common mode inductors, surface mount
More results

Similar Description - CMS2-1-R

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-244 RHOMBUS-IND-L-244 Datasheet
67Kb / 2P
Common Mode Inductors
L-252 RHOMBUS-IND-L-252 Datasheet
37Kb / 1P
Common Mode Inductors
3/06/96
logo
Wurth Elektronik GmbH &...
7427521 WURTH-7427521 Datasheet
66Kb / 2P
COMMON MODE SMD BEAD WE-CMS
logo
TRIAD MAGNETICS
CMT-8101 TRIAD-CMT-8101 Datasheet
86Kb / 1P
Common Mode Inductors
CMT-8105 TRIAD-CMT-8105 Datasheet
89Kb / 1P
Common Mode Inductors
CMT-8106 TRIAD-CMT-8106 Datasheet
89Kb / 1P
Common Mode Inductors
CMT-8107 TRIAD-CMT-8107 Datasheet
89Kb / 1P
Common Mode Inductors
CMT-8109 TRIAD-CMT-8109 Datasheet
91Kb / 1P
Common Mode Inductors
CMT-8110 TRIAD-CMT-8110 Datasheet
91Kb / 1P
Common Mode Inductors
CMT-8115 TRIAD-CMT-8115 Datasheet
92Kb / 1P
Common Mode Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com