Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GBB-2-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # GBB-2-R
Description  GBB Series, Very Fast-Acting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GBB-2-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  GBB-2-R Datasheet HTML 1Page - Cooper Bussmann, Inc. GBB-2-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
• Very fast-acting
• Optional axial leads available
• 1⁄4" x 1 1⁄4" (6.3 x 32mm) physical size
• Ceramic tube, nickel-plated brass endcap construction
• 100pc-carton quantity weighs 1.0 lb (0.45 kg)
• UL Recognized product meets standard 248-14
Agency Information
• UL Recognized Card: 1-30A (JFHR2, E56412)
• CSA Component Accepted Card: 1-30A
(Class 1422-30 File 53787)
Ordering
• Specify packaging, product, and option code
Dimensions - mm/in
Electrical Characteristics
Rated Current % of Amp Rating
Opening Time
100%
None
1 - 20A
150%
2 minutes maximum
250%
1 seconds maximum
400%
-
100%
None
25, 30A
150%
2 minutes maximum
250%
6 seconds maximum
400%
-
*
Interrupting ratings: Interrupting ratings for 1-15A at 125Vdc was measured at 10,000A, 3.5 ms maximum, with time constant. Ratings 20-30A at 125Vdc were measured at 200A, 0.5
ms maximum, with time constant. Ratings 1-15A at 125Vac were measured at 10,000A, and 70% - 80% power factor. The interrupting ratings for 1-30A at 250Vac were measured at
90% - 100% power factor.
** DC Cold Resistance (Measured at <10% of rated current)
† Typical Melting I2t (I2t was measured at listed interrupting rating and rated voltage) Interrupting ratings were measured at 70% to 80% power factor on AC.
‡ Typical Voltage drop (Voltage drop was measured at 25°C±3°C ambient temperature at rated current)
Specifications
Voltage
AC Interrupting
DC Interrupting
Typical DC Cold
Typical
Part Number
Rating
Rating (amps)*
Rating (amps)*
Resistance
Voltage
Vac
Vdc
250Vac
125Vac
125Vdc
(
Ω
Ω)**
Drop (V)‡
GBB-1-R
250
125
200
10,000
10,000
0.17750
0.2096
GBB-1-1/4-R
250
125
200
10,000
10,000
0.17900
0.2497
GBB-2-R
250
125
200
10,000
10,000
0.06620
0.1687
GBB-3-R
250
125
200
10,000
10,000
0.04475
0.1816
GBB-4-R
250
125
200
10,000
10,000
0.03175
0.1778
GBB-5-R
250
125
200
10,000
10,000
0.02125
0.1217
GBB-6-R
250
125
200
10,000
10,000
0.01800
0.1324
GBB-7-R
250
125
200
10,000
10,000
0.01550
0.1355
GBB-8-R
250
125
200
10,000
10,000
0.01360
0.1144
GBB-9-R
250
125
200
10,000
10,000
0.01070
0.1218
GBB-10-R
250
125
200
10,000
10,000
0.00934
0.0877
GBB-12-R
250
125
200
10,000
10,000
0.00620
0.0806
GBB-15-R
250
125
200
10,000
10,000
0.00472
0.0735
GBB-20-R
250
125
200
200
200
0.00330
0.0728
GBB-25-R
250
125
200
200
200
0.00252
0.0610
GBB-30-R
250
125
200
200
200
0.00206
0.0657
1
⁄4" x 1 1⁄4" Ceramic Tube Fuses
GBB Series, Very Fast-Acting
0709 BU-SB09209
Page 1 of 2
Data Sheet 2013
38.10
(1.500)
32.82
(1.292)
38.10
(1.500)
6.76
(0.266)
31.75
(1.250)
6.35
(0.250)
DIA. OF LEADS
0–15 AMP:
20–30 AMP:
0.81
(0.032)
1.02
(0.040)


Similar Part No. - GBB-2-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
GBB-2-R EATON-GBB-2-R Datasheet
213Kb / 2P
1??" x 1 1??" Very-fast acting ceramic tube fuses
More results

Similar Description - GBB-2-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
451 LITTELFUSE-451 Datasheet
102Kb / 1P
NANO2 FUSE Very Fast-Acting 451/453 Series
0275020.MRT1L LITTELFUSE-0275020.MRT1L Datasheet
187Kb / 4P
275 Series, PICO , Very Fast-Acting Fuse
0316.500NAT1 LITTELFUSE-0316.500NAT1 Datasheet
132Kb / 3P
316 Series PICO짰II, Very Fast-Acting Fuse
0451.062MR LITTELFUSE-0451.062MR Datasheet
1Mb / 4P
NANO2짰 > Very Fast-Acting > 451/453 Series
045903.5ER LITTELFUSE-045903.5ER Datasheet
330Kb / 3P
PICO Very Fast-Acting Surface Mount Fuse
045903.5UR LITTELFUSE-045903.5UR Datasheet
330Kb / 3P
PICO Very Fast-Acting Surface Mount Fuse
0262002.V LITTELFUSE-0262002.V Datasheet
160Kb / 3P
MICRO > Very Fast-Acting > 262/268/269 Series
logo
Cooper Bussmann, Inc.
JJN-10 COOPER-JJN-10 Datasheet
183Kb / 2P
T-Tron짰 Very Fast Acting Fuses
ANN-80 COOPER-ANN-80 Datasheet
212Kb / 1P
Limiter Very Fast-Acting
JJN-100 COOPER-JJN-100 Datasheet
163Kb / 3P
T-Tron Very Fast Acting Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com