Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECAP1P Datasheet(PDF) 6 Page - Cooper Bussmann, Inc.

Part # ECAP1P
Description  Compact Modular Fuse Holders With the Industrys Best Ratings
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

ECAP1P Datasheet(HTML) 6 Page - Cooper Bussmann, Inc.

Back Button ECAP1P Datasheet HTML 2Page - Cooper Bussmann, Inc. ECAP1P Datasheet HTML 3Page - Cooper Bussmann, Inc. ECAP1P Datasheet HTML 4Page - Cooper Bussmann, Inc. ECAP1P Datasheet HTML 5Page - Cooper Bussmann, Inc. ECAP1P Datasheet HTML 6Page - Cooper Bussmann, Inc. ECAP1P Datasheet HTML 7Page - Cooper Bussmann, Inc. ECAP1P Datasheet HTML 8Page - Cooper Bussmann, Inc. ECAP1P Datasheet HTML 9Page - Cooper Bussmann, Inc. ECAP1P Datasheet HTML 10Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CHPV & CHPVI (PV Applications)
5
PV
10X38
1000V
30A
Rated: 600V, 30A 50/60Hz
200kA RMS SYM
Indication Min Voltage: 90V
Degree of Protection IP20
MADE IN
CHINA
Series: CHCC
430P
1
USE CLASS CC FUSE
75ºC OR 90ºC CU WIRE
DO NOT OPEN UNDER LOAD
Wire Range
Conductor
No. of
Torque
Type
Conductors
18-14 AWG
20 in-lbs
(0.8-2.0mm2)
Single
2.3 Nm
18-16 AWG
25 in-lbs
(0.8-1.3mm
2)
Solid,
Dual
2.8 Nm
14-10 AWG
Stranded
(2.0-5.2mm
2)
12-10 AWG
(3.3-5.2mm
2)
8-4 AWG
Stranded,
30 in-lbs
(8.3-21.1mm
2)
Fine
3.4 Nm
Stranded
18-14 AWG
Spade
Single
(0.8-2.0mm
2)
Terminal
N/A
Comb Bus
GB13539
0
Class CC
600V
30A
N
SOLID LINK
10X38
3
N
4
Midget
10X38
690V
32A
Rated: 48Vdc, 30A
200kA RMS SYM
Indication Min Voltage: 15V
Degree of Protection IP20
MADE IN
CHINA
Series: CHCC
430P
0
USE CLASS CC FUSE
75ºC OR 90ºC CU WIRE
DO NOT OPEN UNDER LOAD
Wire Range
Conductor
No. of
Torque
Type
Conductors
18-14 AWG
20 in-lbs
(0.8-2.0mm2)
Single
2.3 Nm
18-16 AWG
25 in-lbs
(0.8-1.3mm
2)
Solid,
Dual
2.8 Nm
14-10 AWG
Stranded
(2.0-5.2mm
2)
12-10 AWG
(3.3-5.2mm
2)
8-4 AWG
Stranded,
30 in-lbs
(8.3-21.1mm
2)
Fine
3.4 Nm
Stranded
18-14 AWG
Spade
Single
(0.8-2.0mm
2)
Terminal
N/A
Comb Bus
GB13539
0
Class CC
48Vdc
30A
Rated: 48Vdc, 30A
200kA RMS SYM 3W
Indication Min Voltage: 15V
IEC: 60269-2 32A
48Vdc 120kA 3W
Degree of Protection IP20
MADE IN
CHINA
Series: CHM
2
Wire Range
Conductor
No. of
Torque
Type
Conductors
18-14 AWG
20 in-lbs
(0.8-2.0mm
2)
Single
2.3 Nm
18-16 AWG
25 in-lbs
(0.8-1.3mm2)
Solid,
Dual
2.8 Nm
14-10 AWG
Stranded
(2.0-5.2mm
2)
12-10 AWG
(3.3-5.2mm
2)
8-4 AWG
Stranded,
30 in-lbs
(8.3-21.1mm
2)
Fine
3.4 Nm
Stranded
18-14 AWG
Spade
Single
(0.8-2.0mm
2)
Terminal
N/A
Comb Bus
USE MIDGET / 10X38 FUSE
75ºC OR 90ºC CU WIRE
DO NOT OPEN UNDER LOAD
R
GB13539
2
Midget
10X38
48V
32A
CHCCI-48
CHM & CHMI
CHMI-48
CHCC & CHCCI (UL Applications)
CHMDNX (IEC Applications)
Product Design and Label Specifications
4GY1
UL4248-18
Rated: 1000Vdc, 30A 33kA RMS SYM
Indication Min Voltage: 90V
IEC: 60269-1 32A
1000Vdc 33kA 3.5W
Degree of Protection IP20
MADE IN
CHINA
Series: CHPV
5
R
Wire Range
Conductor
No. of
Torque
Type
Conductors
18-14 AWG
20 in-lbs
(0.8-2.0mm2)
Single
2.3 Nm
18-16 AWG
25 in-lbs
(0.8-1.3mm
2)
Solid,
Dual
2.8 Nm
14-10 AWG
Stranded
(2.0-5.2mm
2)
12-10 AWG
(3.3-5.2mm
2)
8-4 AWG
Stranded,
30 in-lbs
(8.3-21.1mm
2)
Fine
3.4 Nm
Stranded
18-14 AWG
Spade
Single
(0.8-2.0mm2)
Terminal
N/A
Comb Bus
USE PHOTOVOLTAIC 10X38 FUSE
75ºC OR 90ºC CU WIRE
DO NOT OPEN UNDER LOAD
GB13539
IEC: 60269-2
Degree of Protection IP20
SOLID LINK 690V-32A
MADE IN
CHINA
Series: CHM
3
Wire Range
Conductor
No. of
Torque
Type
Conductors
18-12 AWG
20 in-lbs
(0.8-4.0mm
2)
2.3 Nm
10 AWG
Single
(5.0mm
2)
Solid,
25 in-lbs
18-16 AWG
Stranded
2.8 Nm
(0.8-1.3mm2)
14-10 AWG
Dual
(0.8-5.0mm
2)
8-4 AWG
Stranded,
(8.4-21.1mm2)
Fine
30 in-lbs
Stranded
Single
3.4 Nm
18-14 AWG
Spade
(0.8-2.0mm
2)
Terminal
N/A
Comb Bus
75ºC OR 90ºC CU WIRE
DO NOT OPEN UNDER LOAD
Wire Range
Conductor
No. of
Torque
Type
Conductors
18-14 AWG
20 in-lbs
(0.8-2.0mm
2)
Single
2.3 Nm
18-16 AWG
25 in-lbs
(0.8-1.3mm2)
Solid,
Dual
2.8 Nm
14-10 AWG
Stranded
(2.0-5.2mm
2)
12-10 AWG
(3.3-5.2mm
2)
8-4 AWG
Stranded,
30 in-lbs
(8.3-21.1mm
2)
Fine
3.4 Nm
Stranded
18-14 AWG
Spade
Single
(0.8-2.0mm
2)
Terminal
N/A
Comb Bus
USE MIDGET / 10X38 FUSE
75ºC OR 90ºC CU WIRE
DO NOT OPEN UNDER LOAD
Rated: 600V, 30A 50/60Hz
200kA RMS SYM 3W
Indication Min Voltage: 90V
IEC: 60269-2 32A
690Vac 120kA 3W
Degree of Protection IP20
Series: CHM
4
MADE IN
CHINA
R
GB13539



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com