Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTX20-2-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # CTX20-2-R
Description  Power Inductors and Transformers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CTX20-2-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  CTX20-2-R Datasheet HTML 1Page - Cooper Bussmann, Inc. CTX20-2-R Datasheet HTML 2Page - Cooper Bussmann, Inc. CTX20-2-R Datasheet HTML 3Page - Cooper Bussmann, Inc. CTX20-2-R Datasheet HTML 4Page - Cooper Bussmann, Inc. CTX20-2-R Datasheet HTML 5Page - Cooper Bussmann, Inc. CTX20-2-R Datasheet HTML 6Page - Cooper Bussmann, Inc. CTX20-2-R Datasheet HTML 7Page - Cooper Bussmann, Inc. CTX20-2-R Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Description
• Surface mount magnetics that can be used as single
or coupled inductors or 1:1 transformers that provide
isolation between two windings
• OCTA-PAC’s are designed around high frequency, low loss
core
material
• ECONO-PAC’s are a lower cost version of OCTA-PAC’s
offering high saturation flux density, Powder Iron core material
• OCTA-PAC PLUS’s offer higher current ratings and higher
saturation flux densities than OCTA-PAC and ECONO-PAC,
Amorphous metal core material
• Secure 4 Terminal Mounting
• Inductor more versatile inductance combination by series or
parallel connections
Applications
• Computer and portable power devices
• LCD panels, DVD players
• Inductor: DC-DC converters
• Buck, boost, forward, and resonant converters
• Noise filtering and filter chokes
• Transformers: 1:1 300Vdc isolation, flyback, sepic
Environmental Data
• Storage temperature range: -40°C to +125°C
• Operating ambient temperature range: -40°C to +85°C (range
is application specific).
• Solder reflow temperature: +260°C max. for 10 seconds max.
Packaging
• Supplied in tape and reel packaging, 1100 (EP01, OPA1, and
OP01), 800 (EP02, OP02, OPA2, EP03, OPA3, and OP03),
and 600 (EP04, OPA4, and OP04) per reel
Legend
Marking
• CTX___-__ (First three digits CTX; Second 2-3 digits =
Inductance Value; Last 1-2 digits, product size & type)
Product Size/Type
• CTX___-1 (-1 = size; no suffix = OCTA-PAC®)
• CTX___-1P (-1 = size; P suffix = ECONO-PAC™)
• CTX___-1A (-1 = size; A suffix = OCTA-PAC® PLUS)
ECONO-PAC™/OCTA-PAC®
OCTA-PAC® PLUS
Power Inductors and Transformers
O
Op
pe
en
n C
Ciirrc
cu
uiitt
F
Fu
ullll L
Lo
oa
ad
d
F
Fu
ullll L
Lo
oa
ad
d
D
DC
C
O
Op
pe
en
n C
Ciirrc
cu
uiitt
F
Fu
ullll L
Lo
oa
ad
d
F
Fu
ullll L
Lo
oa
ad
d
D
DC
C
P
Pa
arrtt
IIn
nd
du
uc
ctta
an
nc
ce
e
IIn
nd
du
uc
ctta
an
nc
ce
e
C
Cu
urrrre
en
ntt
R
Re
es
siis
stta
an
nc
ce
e
IIn
nd
du
uc
ctta
an
nc
ce
e
IIn
nd
du
uc
ctta
an
nc
ce
e
C
Cu
urrrre
en
ntt
R
Re
es
siis
stta
an
nc
ce
e
N
Nu
um
mb
be
err
µ
µH
H +
+//--2
20
0%
%
µ
µH
H
m
miin
n..
A
Ad
dc
c
o
oh
hm
ms
s m
ma
ax
x..
µ
µH
H +
+//--2
20
0%
%
µ
µH
H
m
miin
n..
A
Ad
dc
c
o
oh
hm
ms
s m
ma
ax
x..
CTX0.47-1P-R
.42
.31
5.50
.005
1.67
1.25
2.75
.021
CTX0.68-1P-R
.60
.43
5.10
.006
2.40
1.74
2.55
.025
CTX1-1P-R
1.07
.73
4.50
.008
4.28
2.92
2.25
.032
CTX2-1P-R
2.02
1.36
3.40
.013
8.08
5.44
1.70
.054
CTX5-1P-R
4.83
3.37
2.00
.040
19.31
13.47
1.00
.161
CTX8-1P-R
8.08
5.31
1.80
.052
32.33
21.23
.90
.207
CTX10-1P-R
9.62
6.23
1.70
.057
38.48
24.94
.85
.227
CTX15-1P-R
15.03
9.62
1.40
.087
60.12
38.47
.70
.348
CTX20-1P-R
20.46
14.12
1.00
.158
81.83
56.47
.50
.634
CTX25-1P-R
25.40
17.07
.96
.177
101.60
68.29
.48
.708
CTX33-1P-R
32.33
22.27
.80
.250
129.32
89.06
.40
1.001
CTX50-1P-R
50.52
33.57
.70
.316
202.07
134.27
.35
1.263
CTX68-1P-R
68.40
43.65
.66
.373
273.61
174.61
.33
1.490
CTX100-1P-R
99.01
63.64
.54
.557
396.06
254.55
.27
2.227
CTX150-1P-R
150.72
96.64
.44
.844
602.87
386.56
.22
3.376
CTX200-1P-R
198.41
130.79
.36
1.208
793.65
523.16
.18
4.831
CTX300-1P-R
299.87
190.05
.32
1.525
1199.46
760.19
.16
6.100
CTX0.47-2P-R
.54
.42
5.90
.006
2.18
1.69
2.95
.024
CTX0.68-2P-R
.85
.64
5.40
.007
3.40
2.55
2.70
.029
CTX1-2P-R
1.22
.89
5.00
.008
4.90
3.57
2.50
.033
CTX2-2P-R
2.18
1.56
3.90
.014
8.70
6.26
1.95
.055
CTX5-2P-R
4.90
3.57
2.50
.032
19.58
14.26
1.25
.128
CTX8-2P-R
7.65
5.31
2.30
.040
30.60
21.23
1.15
.158
CTX10-2P-R
9.83
6.73
2.10
.045
39.30
26.92
1.05
.179
CTX15-2P-R
14.99
10.51
1.60
.085
59.98
42.02
.80
.339
CTX20-2P-R
19.58
13.37
1.50
.097
78.34
53.48
.75
.387
CTX25-2P-R
24.79
16.60
1.40
.109
99.14
66.38
.70
.436
CTX33-2P-R
32.67
21.29
1.30
.126
130.70
85.17
.65
.503
CTX50-2P-R
49.10
35.31
.82
.305
196.38
141.24
.41
1.221
CTX68-2P-R
68.85
47.93
.76
.362
275.40
191.71
.38
1.445
CTX100-2P-R
99.14
69.56
.62
.541
396.58
278.22
.31
2.162
CTX150-2P-R
148.10
100.07
.56
.665
592.42
400.27
.28
2.660
CTX200-2P-R
201.59
138.49
.46
.951
806.34
553.97
.23
3.804
CTX300-2P-R
300.42
197.52
.42
1.176
1201.70
790.08
.21
4.703
PARALLEL
SERIES
RoHS
2002/95/EC


Similar Part No. - CTX20-2-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CTX20-2-R EATON-CTX20-2-R Datasheet
682Kb / 9P
ECONO-PAC??OCTA-PAC짰 OCTA-PAC짰 PLUS Dual winding toroid power inductors/transformers
More results

Similar Description - CTX20-2-R

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8409-XX FILTRAN-8409-XX Datasheet
189Kb / 1P
SMD Power Inductors and Transformers
8417-XX FILTRAN-8417-XX Datasheet
172Kb / 1P
SMD Power Inductors and Transformers
logo
List of Unclassifed Man...
SG-890A ETC2-SG-890A Datasheet
765Kb / 12P
SURFCOIL짰 SMT INDUCTORS AND TRANSFORMERS (PROFESSIONAL GRADE)
logo
Cooper Bussmann, Inc.
VPH1-1400-R COOPER-VPH1-1400-R Datasheet
444Kb / 8P
Inductors and Transformers
logo
List of Unclassifed Man...
ABL6TS25G ETC2-ABL6TS25G Datasheet
44Kb / 1P
Power supplies and transformers
logo
Cooper Bussmann, Inc.
CTX10-4P COOPER-CTX10-4P Datasheet
461Kb / 8P
Power Inductors and Transformers
logo
Central Technologies
CTCSF CT-CTCSF Datasheet
400Kb / 1P
Current Sense Transformers and Inductors
logo
Eaton All Rights Reserv...
VPH1-1400-R EATON-VPH1-1400-R Datasheet
1Mb / 9P
VERSA-PAC짰 Inductors and Transformers (Surface Mount)
logo
Vishay Siliconix
LPE6562 VISHAY-LPE6562 Datasheet
118Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
04-Dec-14
LPE4841 VISHAY-LPE4841 Datasheet
116Kb / 3P
Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
30-Apr-2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com