Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTX25-2-R Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # CTX25-2-R
Description  Power Inductors and Transformers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CTX25-2-R Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  CTX25-2-R Datasheet HTML 1Page - Cooper Bussmann, Inc. CTX25-2-R Datasheet HTML 2Page - Cooper Bussmann, Inc. CTX25-2-R Datasheet HTML 3Page - Cooper Bussmann, Inc. CTX25-2-R Datasheet HTML 4Page - Cooper Bussmann, Inc. CTX25-2-R Datasheet HTML 5Page - Cooper Bussmann, Inc. CTX25-2-R Datasheet HTML 6Page - Cooper Bussmann, Inc. CTX25-2-R Datasheet HTML 7Page - Cooper Bussmann, Inc. CTX25-2-R Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ECONO-PAC™/OCTA-PAC®
OCTA-PAC® PLUS
Power Inductors and Transformers
P
Pa
arra
alllle
ell R
Ra
attiin
ng
gs
s
S
Se
erriie
es
s R
Ra
attiin
ng
gs
s
P
Pa
arrtt N
Nu
um
mb
be
err
R
Ra
atte
ed
d
O
OC
CL
L ((1
1))
II s
sa
att.. ((2
2))
II rrm
ms
s.. ((3
3))
D
DC
CR
R
Ω
Ω ((44))
V
Vo
olltt ((7
7))
O
OC
CL
L ((1
1))
II s
sa
att.. ((2
2))
II rrm
ms
s.. ((3
3))
D
DC
CR
R
Ω
Ω ((44))
V
Vo
olltt ((7
7))
IIn
nd
du
uc
ctta
an
nc
ce
e
n
no
om
miin
na
all
A
Am
mp
pe
erre
es
s
A
Am
mp
pe
erre
es
s
m
ma
ax
x..
µ
µ--S
Se
ec
c
n
no
om
miin
na
all
A
Am
mp
pe
erre
es
s
A
Am
mp
pe
erre
es
s
m
ma
ax
x..
µ
µ--S
Se
ec
c
((µ
µH
H))
+
+//--2
25
5%
%
P
Pe
ea
ak
k
@
@ 2
20
0°
°C
C..
+
+//--2
25
5%
%
P
Pe
ea
ak
k
@
@ 2
20
0°
°C
C..
((µ
µH
H))
((µ
µH
H))
C
CT
TX
X0
0..3
33
3--1
1A
A--R
R
0.33
0.402
12.5
10.0
0.0037
.93
1.61
6.25
4.98
0.015
1.86
C
CT
TX
X0
0..6
68
8--1
1A
A--R
R
0.68
0.752
9.4
9.0
0.0046
1.24
3.01
4.69
4.48
0.0185
2.49
C
CT
TX
X1
1--1
1A
A--R
R
1.0
1.18
7.5
7.26
0.0070
1.55
4.70
3.75
3.63
0.0282
3.11
C
CT
TX
X2
2--1
1A
A--R
R
2.0
2.30
5.36
5.64
0.012
2.17
9.21
2.68
2.82
0.0470
4.35
C
CT
TX
X5
5--1
1A
A--R
R
5.0
4.70
3.75
4.27
0.020
3.11
18.8
1.88
2.13
0.082
6.21
C
CT
TX
X8
8--1
1A
A--R
R
8.0
7.94
2.88
3.37
0.033
4.04
31.77
1.44
1.69
0.130
8.08
C
CT
TX
X1
10
0--1
1A
A--R
R
10.0
10.58
2.5
2.84
0.046
4.66
42.30
1.25
1.42
0.183
9.32
C
CT
TX
X1
15
5--1
1A
A--R
R
15.0
15.23
2.08
2.07
0.087
5.59
60.91
1.04
1.03
0.348
11.2
C
CT
TX
X2
20
0--1
1A
A--R
R
20.0
20.73
1.79
1.71
0.127
6.52
82.91
0.89
0.86
0.507
13.0
C
CT
TX
X2
25
5--1
1A
A--R
R
25.0
24.86
1.63
1.46
0.173
7.14
99.45
0.82
0.73
0.693
14.3
C
CT
TX
X3
33
3--1
1A
A--R
R
33.0
34.26
1.39
1.22
0.249
8.39
137.1
0.69
0.61
0.995
16.8
C
CT
TX
X5
50
0--1
1A
A--R
R
50.0
51.18
1.14
0.99
0.381
10.3
204.7
0.57
0.49
1.524
20.5
C
CT
TX
X6
68
8--1
1A
A--R
R
68.0
67.87
0.99
0.92
0.437
11.8
271.5
0.49
0.46
1.749
23.6
C
CT
TX
X1
10
00
0--1
1A
A--R
R
100.0
99.45
0.82
0.74
0.686
14.3
397.8
0.41
0.37
2.745
28.6
C
CT
TX
X1
15
50
0--1
1A
A--R
R
150.0
147.4
0.67
0.67
0.832
17.4
589.6
0.33
0.33
3.329
34.8
C
CT
TX
X2
20
00
0--1
1A
A--R
R
200.0
198.6
0.58
0.62
0.963
20.2
794.3
0.29
0.31
3.854
40.4
C
CT
TX
X3
30
00
0--1
1A
A--R
R
300.0
300.8
0.47
0.56
1.181
24.9
1203
0.23
0.28
4.726
49.7
C
CT
TX
X0
0..3
33
3--2
2A
A--R
R
0.33
0.284
18.8
10.9
0.0033
.85
1.14
9.38
5.47
0.0132
1.71
C
CT
TX
X0
0..6
68
8--2
2A
A--R
R
0.68
0.675
12.5
9.4
0.0045
1.28
2.70
6.25
4.68
0.0180
2.56
C
CT
TX
X1
1--2
2A
A--R
R
1.0
1.26
9.38
8.22
0.0058
1.71
5.06
4.69
4.11
0.0233
3.42
C
CT
TX
X2
2--2
2A
A--R
R
2.0
1.98
7.50
6.74
0.0090
2.14
7.90
3.75
3.37
0.035
4.27
C
CT
TX
X5
5--2
2A
A--R
R
5.0
5.06
4.69
4.34
0.021
3.42
20.22
2.34
2.17
0.084
6.84
C
CT
TX
X8
8--2
2A
A--R
R
8.0
7.90
3.75
3.50
0.032
4.27
31.60
1.88
1.75
0.129
8.55
C
CT
TX
X1
10
0--2
2A
A--R
R
10.0
11.38
3.13
2.89
0.047
5.13
45.50
1.56
1.45
0.188
10.3
C
CT
TX
X1
15
5--2
2A
A--R
R
15.0
15.48
2.68
2.69
0.054
5.98
61.94
1.34
1.35
0.218
12.0
C
CT
TX
X2
20
0--2
2A
A--R
R
20.0
20.22
2.34
2.24
0.078
6.84
80.90
1.17
1.12
0.313
13.7
C
CT
TX
X2
25
5--2
2A
A--R
R
25.0
25.60
2.08
1.89
0.111
7.69
102.38
1.04
0.94
0.443
15.4
C
CT
TX
X3
33
3--2
2A
A--R
R
33.0
34.84
1.79
1.56
0.162
8.97
139.4
0.89
0.78
0.649
17.9
C
CT
TX
X5
50
0--2
2A
A--R
R
50.0
49.38
1.50
1.28
0.240
10.7
197.5
0.75
0.64
0.961
21.4
C
CT
TX
X6
68
8--2
2A
A--R
R
68.0
66.44
1.29
1.07
0.342
12.4
265.8
0.65
0.54
1.367
24.8
C
CT
TX
X1
10
00
0--2
2A
A--R
R
100.0
102.38
1.04
0.75
0.695
15.4
409.5
0.52
0.38
2.778
30.8
C
CT
TX
X1
15
50
0--2
2A
A--R
R
150.0
152.9
0.85
0.68
0.842
18.8
611.8
0.43
0.34
3.366
37.6
C
CT
TX
X2
20
00
0--2
2A
A--R
R
200.0
197.5
0.75
0.64
0.950
21.4
790.0
0.38
0.32
3.800
42.7
C
CT
TX
X3
30
00
0--2
2A
A--R
R
300.0
303.7
0.60
0.58
1.174
26.5
1215
0.30
0.29
4.697
53.0
C
CT
TX
X0
0..3
33
3--3
3A
A--R
R
0.33
0.368
15.0
11.4
0.0032
0.97
1.47
7.50
5.72
0.0128
1.93
C
CT
TX
X0
0..6
68
8--3
3A
A--R
R
0.68
0.688
11.3
9.3
0.0048
1.29
2.75
5.63
4.64
0.0194
2.58
C
CT
TX
X1
1--3
3A
A--R
R
1.0
1.08
9.0
8.38
0.0059
1.61
4.20
4.50
4.19
0.0238
3.22
C
CT
TX
X2
2--3
3A
A--R
R
2.0
2.11
6.43
7.26
0.0079
2.26
8.43
3.21
3.63
0.0317
4.51
C
CT
TX
X5
5--3
3A
A--R
R
5.0
5.20
4.09
5.24
0.015
3.54
20.81
2.05
2.62
0.061
7.09
C
CT
TX
X8
8--3
3A
A--R
R
8.0
8.43
3.21
4.23
0.023
4.51
33.77
1.61
2.12
0.093
9.02
C
CT
TX
X1
10
0--3
3A
A--R
R
10.0
9.68
3.00
3.64
0.032
4.83
38.70
1.50
1.82
0.126
9.67
C
CT
TX
X1
15
5--3
3A
A--R
R
15.0
15.52
2.37
3.25
0.039
6.12
62.09
1.18
1.63
0.158
12.2
C
CT
TX
X2
20
0--3
3A
A--R
R
20.0
20.81
2.05
2.43
0.071
7.09
83.25
1.02
1.22
0.282
14.2
C
CT
TX
X2
25
5--3
3A
A--R
R
25.0
24.77
1.88
2.34
0.076
7.73
99.07
0.94
1.17
0.306
15.5
C
CT
TX
X3
33
3--3
3A
A--R
R
33.0
33.71
1.61
1.93
0.112
9.02
134.8
0.80
0.96
0.449
18.0
C
CT
TX
X5
50
0--3
3A
A--R
R
50.0
49.71
1.32
1.56
0.171
11.0
198.8
0.66
0.78
0.686
21.9
1) Open Circuit Inductance Test Parameters: 100kHz, 0.250 Vrms, 0.0 Adc
Parallel: (1,4 - 3,2) Series: (1 - 3) tie (2 - 4)
2) Peak current for approximately 30% roll-off
3) RMS current, delta temp. of 40° C ambient temperature of 85° C
4) DCR @ 20°C
5) Hipot rating: winding to winding: 300Vdc min.
6) Turns Ratio: (1-2):(4-3) 1:1
7) Applied volt-time product (v-us) across the inductor. This value represents the
applied V-us at 300KHz necessary to generate a core loss equal to 10% of the
total losses for a 40°C temperature rise.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com