Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR2010 Datasheet(PDF) 2 Page - Riedon Powertron

Part # CHR2010
Description  Non-magnetic Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

CHR2010 Datasheet(HTML) 2 Page - Riedon Powertron

  CHR2010 Datasheet HTML 1Page - Riedon Powertron CHR2010 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
09/13
SPECIFICATIONS (continued)
Long Term Stability
Max DR
<10W
10W - 10M
Storage 125°C / 1000h
±1%
±0.5%
Storage 155°C / 1000h
±2%
±1%
Load Life / P=70% / 70°C / 1000h
±1%
±0.5%
Short term overload
±0.5%
±0.25%
Humidity / 96%RH / 40°C / 56 days
±1%
±0.5%
Packaging:
Bulk or Blistertape to IEC 60286-3
Tape width 8mm / Reel Diameter 180 or 330mm
Minimum quantity Bulk / 100 pieces per value
Minimum quantity Tape & Reel / 1000 pieces per value
CHR Series
Non-magnetic Chip Resistors
Type
Dimensions
L
B
D
C
CHR 0402
0.040 ±0.006
[ 1.04 ±0.15 ]
0.020 ±0.006
[ 0.5 ±0.15 ]
0.012 ±0.002
[ 0.3 ±0.05 ]
0.004 +0.004 / -0.002
[ 0.1 +0.1 / -0.05 ]
CHR 0603
0.060 +0.006 / -0.002
[ 1.5 +0.15 / -0.05 ]
0.030 +0.008 / -0.002
[ 0.8 +0.2 / -0.05 ]
0.016 +0.006 / -0.002
[ 0.4 +0.15 / -0.05 ]
0.008 +0.008 / -0.004
[ 0.2 +0.2 / -0.1 ]
CHR 0805
0.080 +0.006 / -0.002
[ 2.0 +0.15 / -0.05 ]
0.050 +0.006 / -0.002
[ 1.25 +0.15 / -0.05 ]
0.016 +0.006 / -0.002
[ 0.4 +0.15 / -0.05 ]
0.012 +0.008 / -0.004
[ 0.3 +0.2 / -0.1 ]
CHR 1206
0.120 +0.006 / -0.002
[ 3.2 +0.15 / -0.05 ]
0.060 +0.008 / -0.002
[ 1.5 +0.2 / -0.05 ]
0.016 +0.006 / -0.002
[ 0.4 +0.15 / -0.05 ]
0.012 +0.008 / -0.004
[ 0.3 +0.2 / -0.1 ]
CHR 2010
0.200 +0.006 / -0.002
[ 5.1 +0.15 / -0.05 ]
0.100 +0.008 / -0.002
[ 2.5 +0.2 / -0.05 ]
0.024 +0.008 / -0.004
[ 0.6 +0.20 / -0.1 ]
0.047 ±0.008
[ 1.2 ±0.2 ]
CHR 2512
0.250 +0.006 / -0.002
[ 6.2 +0.15 / -0.05 ]
0.120 +0.008 / -0.002
[ 3.2 +0.2 / -0.05 ]
0.024 +0.008 / -0.004
[ 0.6 +0.20 / -0.1 ]
0.035 ±0.008
[ 0.9 ±0.2 ]
CHR 4020
0.402 +0.006 / -0.002
[ 10.2 +0.15 / -0.05 ]
0.200 +0.006 / -0.002
[ 5.1 +0.15 / -0.05 ]
0.024 +0.008 / -0.004
[ 0.6 +0.20 / -0.1 ]
0.035 ±0.008
[ 0.9 ±0.2 ]
Ordering Information
Part Description: Part Type - Resistance - Tolerance - TCR
Example: CHR 0603 10 kOhms 5% 50ppm
( Note: if no TCR is specified, the highest value will be supplied )
0
50
100
150
200
250
300
350
0
20
40
60
80
100
120
Ambient Temperature (°C)
Power Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com