Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF2000 Datasheet(PDF) 1 Page - Riedon Powertron

Part # MF2000
Description  Precision / Metal Film Resistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

MF2000 Datasheet(HTML) 1 Page - Riedon Powertron

  MF2000 Datasheet HTML 1Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
Page 66
06/13
Type
Power
Rating
Watts @
70°C
Resis-
tance
Range
( W )
Maximum
Voltage
H
(MAX)
D
(MAX)
d
±0.002”
[±0.05mm]
L
(MIN)
W
(MIN)
RN
Size
MF2207
0.40
1 to 10M
300
0.260
[6.5]
0.100
[2.5]
0.028
[0.7]
1.20
[30]
0.300
[7.5]
RN55
MF2000 Series
• Resistances from 1 to 10MOhms
• Power Rating 0.4 to 0.65Watts
• Resistance Tolerances to ±0.05%
• TCR’s to ±3ppm/°C
• Very Low Inductance
• Matched Sets Available
• E192 Values in Stock
SPECIFICATIONS
Part Description: Part Type - Resistance - Tolerance - TCR
Example: MF2207 1.1 kOhm 0.05% 5ppm
( Note: If no TCR is specified / the highest value will be supplied )
Specification
Value
Tolerances
±0.05% to ±1%
Temperature Coefficient
( See Charts )
Temperature Range
-25°C to +125°C ( TC >= 25ppm/K )
-10°C to +85°C ( TC < 25ppm/K )
Insulation Resistance
>10000 MOhms
Climatic Category
55/125/56
Max Soldering Temperature
+260°C / 10s
Voltage Coefficient
< 5ppm/V
Precision / Metal Film Resistors
TCR
( ± ppm/°C )
Resistances Available at These Tolerances
±0.05%
±0.1%
±0.25%
±0.5%
±1%
5
50 - 250K
10 - 500K
10 - 500K
10 - 500K
-
10
50 - 510K
5 - 1M
5 - 1M
5 - 1M
-
15
50 - 510K
5 - 1.5M
5 - 1.5M
5 - 2M
1 - 2M
25
50 - 510K
5 - 1.5M
5 - 3M
2 - 5M
1 - 5M
50
50 - 510K
5 - 2M
3 - 3M
2 - 5M
1 - 5M
0
25
50
75
100
125
150
175
200
0
20
40
60
80
100
120
Ambient Temperature (°C)
Power Derating Curve
Ordering Information


Similar Part No. - MF2000

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
Precision / Metal Film Resistors
More results

Similar Description - MF2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC55 ETC-RC55 Datasheet
145Kb / 3P
Precision Metal Film Resistors
logo
Welwyn Components Limit...
RC55 WELWYN-RC55 Datasheet
351Kb / 3P
Precision Metal Film Resistors
RCP WELWYN-RCP Datasheet
132Kb / 2P
Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
Precision / Metal Film Resistors
logo
RCD COMPONENTS INC.
MF55-R100-FB25 RCD-MF55-R100-FB25 Datasheet
43Kb / 1P
PRECISION METAL FILM RESISTORS
logo
IRC - a TT electronics ...
GP551001001F IRCTT-GP551001001F Datasheet
69Kb / 2P
PRECISION METAL FILM RESISTORS
GP551001001FBLK IRCTT-GP551001001FBLK Datasheet
297Kb / 4P
Precision Metal Film Resistors
logo
Riedon Powertron
MFP1 RIEDON-MFP1 Datasheet
167Kb / 2P
Precision Metal Film Resistors
MFP55-20RB1 RIEDON-MFP55-20RB1 Datasheet
167Kb / 2P
Precision Metal Film Resistors
logo
TT Electronics.
RC55 TTELEC-RC55 Datasheet
446Kb / 4P
Precision Metal Film Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com