Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5040 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5040
Description  Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5040 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5040 Datasheet HTML 16Page - Analog Devices AD5040 Datasheet HTML 17Page - Analog Devices AD5040 Datasheet HTML 18Page - Analog Devices AD5040 Datasheet HTML 19Page - Analog Devices AD5040 Datasheet HTML 20Page - Analog Devices AD5040 Datasheet HTML 21Page - Analog Devices AD5040 Datasheet HTML 22Page - Analog Devices AD5040 Datasheet HTML 23Page - Analog Devices AD5040 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD5040/AD5060
Rev. A | Page 21 of 24
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-178-BA
8°
4°
0°
SEATING
PLANE
1.95
BSC
0.65 BSC
0.60
BSC
76
12
34
5
3.00
2.90
2.80
3.00
2.80
2.60
1.70
1.60
1.50
1.30
1.15
0.90
0.15 MAX
0.05 MIN
1.45 MAX
0.95 MIN
0.22 MAX
0.08 MIN
0.38 MAX
0.22 MIN
0.60
0.45
0.30
PIN 1
INDICATOR
8
Figure 53. 8-Lead Small Outline Transistor Package [SOT-23]
(RJ-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature
Range
Maximum
INL
Description
Package Description
Package
Option
Branding
AD5040BRJZ-500RL7
−40°C to +85°C
1 LSB
2.7 V to 5.5 V, reset to 0 V
8 Lead SOT-23
RJ-8
D4C
AD5040BRJZ-REEL7
−40°C to +85°C
1 LSB
2.7 V to 5.5 V, reset to 0 V
8 Lead SOT-23
RJ-8
D4C
AD5060ARJZ-1500RL7
−40°C to +85°C
2 LSB
2.7 V to 5.5 V, reset to 0 V
8 Lead SOT-23
RJ-8
D3Z
AD5060ARJZ-1REEL7
−40°C to +85°C
2 LSB
2.7 V to 5.5 V, reset to 0 V
8 Lead SOT-23
RJ-8
D3Z
AD5060ARJZ-2REEL7
−40°C to +85°C
2 LSB
2.7 V to 5.5 V, reset to mid-
scale
8 Lead SOT-23
RJ-8
D41
AD5060ARJZ-2500RL7
−40°C to +85°C
2 LSB
2.7 V to 5.5 V, reset to mid-
scale
8 Lead SOT-23
RJ-8
D41
AD5060BRJZ-1500RL7
−40°C to +85°C
1 LSB
2.7 V to 5.5 V, reset to 0 V
8 Lead SOT-23
RJ-8
D3W
AD5060BRJZ-1REEL7
−40°C to +85°C
1 LSB
2.7 V to 5.5 V, reset to 0 V
8 Lead SOT-23
RJ-8
D3W
AD5060BRJZ-2REEL7
−40°C to +85°C
1 LSB
2.7 V to 5.5 V, reset to mid-
scale
8 Lead SOT-23
RJ-8
D3X
AD5060BRJZ-2500RL7
−40°C to +85°C
1 LSB
2.7 V to 5.5 V, reset to mid-
scale
8 Lead SOT-23
RJ-8
D3X
AD5060YRJZ-1500RL7
−40°C to +125°C
±1.5 LSB
2.7 V to 5.5 V, reset to 0 V
8 Lead SOT-23
RJ-8
D6F
AD5060YRJZ-1REEL7
−40°C to +125°C
±1.5 LSB
2.7 V to 5.5 V, reset to 0 V
8 Lead SOT-23
RJ-8
D6F
EVAL-AD5060EBZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com