Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9512 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9512
Description  1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9512 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9512 Datasheet HTML 35Page - Analog Devices AD9512 Datasheet HTML 36Page - Analog Devices AD9512 Datasheet HTML 37Page - Analog Devices AD9512 Datasheet HTML 38Page - Analog Devices AD9512 Datasheet HTML 39Page - Analog Devices AD9512 Datasheet HTML 40Page - Analog Devices AD9512 Datasheet HTML 41Page - Analog Devices AD9512 Datasheet HTML 42Page - Analog Devices AD9512 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
AD9512
Rev. A | Page 39 of 48
REGISTER MAP DESCRIPTION
Table 18 lists the AD9512 control registers by hexadecimal address. A specific bit or range of bits within a register is indicated by angle
brackets. For example, <3> refers to Bit 3, while <5:2> refers to the range of bits from Bit 5 through Bit 2. Table 18 describes the
functionality of the control registers on a bit-by-bit basis. For a more concise (but less descriptive) table, see Table 17.
Table 18. AD9512 Register Descriptions
Reg.
Addr.
(Hex)
Bit(s)
Name
Description
Serial Control Port
Configuration
Any changes to this register takes effect immediately. Register 5Ah<0> Update Registers
does not have to be written.
00
<3:0>
Not Used.
00
<4>
Long Instruction
When this bit is set (1), the instruction phase is 16 bits. When clear (0), the instruction phase
is 8 bits. The default, and only, mode for this part is long instruction (Default = 1b).
00
<5>
Soft Reset
When this bit is set (1), the chip executes a soft reset, restoring default values to the internal
registers, except for this register, 00h. This bit is not self-clearing. A clear (0) has to be written
to it in order to clear it.
00
<6>
LSB First
When this bit is set (1), the input and output data is oriented as LSB first. Additionally, register
addressing increments. If this bit is clear (0), data is oriented as MSB first and register
addressing decrements. (Default = 0b, MSB first.)
00
<7>
SDO Inactive
(Bidirectional
Mode)
When set (1), the SDO pin is tri-state and all read data goes to the SDIO pin. When clear (0),
the SDO is active (unidirectional mode). (Default = 0b).
Not Used
01 to 33 <7:0>
Not Used.
Fine Delay Adjust
34
<0>
Delay Control
OUT4
Delay Block Control Bit.
Bypasses Delay Block and Powers It Down (Default = 1b).
34
<7:1>
Not Used.
35
<2:0>
Ramp Current
OUT4
The slowest ramp (200 μs) sets the longest full scale of approximately 10 ns.
<2>
<1>
<0>
Ramp Current (μs)
0
0
0
200
0
0
1
400
0
1
0
600
0
1
1
800
1
0
0
1000
1
0
1
1200
1
1
0
1400
1
1
1
1600
35
<5:3>
Ramp Capacitor
OUT4
Selects the Number of Capacitors in Ramp Generation Circuit.
More Capacitors => Slower Ramp.
<5>
<4>
<3>
Number of Capacitors
0
0
0
4 (Default)
0
0
1
3
0
1
0
3
0
1
1
2
1
0
0
3
1
0
1
2
1
1
0
2
1
1
1
1
35
<7:6>
Not Used.
36
<0>
Not Used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com