Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9512-PCB Datasheet(PDF) 2 Page - Analog Devices

Part # AD9512-PCB
Description  1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9512-PCB Datasheet(HTML) 2 Page - Analog Devices

  AD9512-PCB Datasheet HTML 1Page - Analog Devices AD9512-PCB Datasheet HTML 2Page - Analog Devices AD9512-PCB Datasheet HTML 3Page - Analog Devices AD9512-PCB Datasheet HTML 4Page - Analog Devices AD9512-PCB Datasheet HTML 5Page - Analog Devices AD9512-PCB Datasheet HTML 6Page - Analog Devices AD9512-PCB Datasheet HTML 7Page - Analog Devices AD9512-PCB Datasheet HTML 8Page - Analog Devices AD9512-PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
AD9512
Rev. A | Page 2 of 48
TABLE OF CONTENTS
Specifications..................................................................................... 4
Clock Inputs .................................................................................. 4
Clock Outputs ............................................................................... 4
Timing Characteristics ................................................................ 5
Clock Output Phase Noise .......................................................... 7
Clock Output Additive Time Jitter........................................... 10
Serial Control Port ..................................................................... 12
FUNCTION Pin ......................................................................... 13
SYNC Status Pin ......................................................................... 13
Power............................................................................................ 14
Timing Diagrams............................................................................ 15
Absolute Maximum Ratings.......................................................... 16
Thermal Characteristics ............................................................ 16
ESD Caution................................................................................ 16
Pin Configuration and Function Descriptions........................... 17
Terminology .................................................................................... 19
Typical Performance Characteristics ........................................... 20
Functional Description .................................................................. 24
Overall.......................................................................................... 24
FUNCTION Pin ......................................................................... 24
RESETB: 58h<6:5> = 00b (Default)..................................... 24
SYNCB: 58h<6:5> = 01b ....................................................... 24
PDB: 58h<6:5> = 11b............................................................. 24
DSYNC and DSYNCB Pins....................................................... 24
Clock Inputs ................................................................................ 24
Dividers........................................................................................ 25
Setting the Divide Ratio ........................................................ 25
Setting the Duty Cycle ........................................................... 25
Divider Phase Offset .............................................................. 29
Delay Block.................................................................................. 30
Calculating the Delay............................................................. 30
Outputs ........................................................................................ 30
Power-Down Modes .................................................................. 31
Chip Power-Down or Sleep Mode—PDB........................... 31
Distribution Power-Down .................................................... 31
Individual Clock Output Power-Down............................... 31
Individual Circuit Block Power-Down................................ 31
Reset Modes ................................................................................ 31
Power-On Reset—Start-Up Conditions when
VS is Applied........................................................................... 31
Asynchronous Reset via the FUNCTION Pin ................... 31
Soft Reset via the Serial Port................................................. 31
Single-Chip Synchronization.................................................... 32
SYNCB—Hardware SYNC ................................................... 32
Soft SYNC—Register 58h<2>............................................... 32
Multichip Synchronization ....................................................... 32
Serial Control Port ......................................................................... 33
Serial Control Port Pin Descriptions....................................... 33
General Operation of Serial Control Port............................... 33
Framing a Communication Cycle with CSB ...................... 33
Communication Cycle—Instruction Plus Data ................. 33
Write ........................................................................................ 33
Read ......................................................................................... 34
The Instruction Word (16 Bits) ................................................ 34
MSB/LSB First Transfers ........................................................... 34
Register Map and Description ...................................................... 37
Summary Table ........................................................................... 37
Register Map Description ......................................................... 39
Power Supply................................................................................... 43
Power Management ................................................................... 43
Applications..................................................................................... 44
Using the AD9512 Outputs for ADC Clock Applications.... 44
CMOS Clock Distribution ........................................................ 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com