Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG731 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG731
Description  16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG731 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG731 Datasheet HTML 8Page - Analog Devices ADG731 Datasheet HTML 9Page - Analog Devices ADG731 Datasheet HTML 10Page - Analog Devices ADG731 Datasheet HTML 11Page - Analog Devices ADG731 Datasheet HTML 12Page - Analog Devices ADG731 Datasheet HTML 13Page - Analog Devices ADG731 Datasheet HTML 14Page - Analog Devices ADG731 Datasheet HTML 15Page - Analog Devices ADG731 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. A
ADG725/ADG731
–13–
ADG731*
*SIMILAR CONNECTION FOR ADG725
VS
VOUT
NETWORK
ANALYZER
RL
GND
S
D
50
OFF ISOLATION = 20 LOG
VOUT
VS
VDD
0.1 F
VDD
VSS
0.1 F
VSS
50
50
Test Circuit 8. OFF Isolation
VDD
D
S2
S32
V
S
V
OUT
NETWORK
ANALYZER
RL
S1
ADG731*
VDD
VSS
VSS
GND
*SIMILAR CONNECTION FOR ADG725
CHANNEL-TO-CHANNEL CROSSTALK
50
50
50
= 20 LOG
VOUT
VS
Test Circuit 9. Channel-to-Channel Crosstalk
ADG731*
*SIMILAR CONNECTION FOR ADG725
VS
V
OUT
NETWORK
ANALYZER
RL
GND
S
D
VDD
0.1 F
VDD
VSS
0.1 F
VSS
INSERTION LOSS = 20 LOG
50
50
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
Test Circuit 10. Bandwidth
POWER-ON RESET
On power-up of the device, all switches will be in the OFF
condition. The Internal Shift Register is filled with zeros and
will remain so until a valid write takes place.
SERIAL INTERFACE
The ADG725 and ADG731 have a 3-wire serial interface
(
SYNC, SCLK, and DIN) that is compatible with SPI, QSPI,
and MICROWIRE interface standards and most DSPs.
Figure 1 shows the timing diagram of a typical write sequence.
Data is written to the 8-bit Shift Register via DIN under the
control of the
SYNC and SCLK signals.
When
SYNC goes low, the Input Shift Register is enabled. An
8-bit counter is also enabled. Data from DIN is clocked into the
Shift Register on the falling edge of SCLK. Figures 2 and 3
show the contents of the Input Shift Registers for these devices.
When the part has received eight clock cycles after
SYNC has
been pulled low, the switches are automatically updated with
the new configuration and the Input Shift Register is disabled.
The ADG725
CSA and CSB data bits allow the user the flex-
ibility to change the configuration of either or both banks of the
multiplexer.
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the ADG725/ADG731 is via a serial
bus that uses standard protocol compatible with microcontrollers
and DSP processors. The communications channel is a 3-wire
interface consisting of a clock signal, a data signal, and a
synchronization signal. The ADG725/ADG731 requires an
8-bit data-word with data valid on the falling edge of SCLK.
Figures 4–7 illustrate simple 3-wire interfaces with popular
microcontrollers and DSPs.
ADSP-21xx to ADG725/ADG731 Interface
The ADSP-21xx family of DSPs are easily interfaced to the
ADG725/ADG731 without the need for extra logic. Figure 4
shows an example of an SPI interface between the ADG725/
ADG731 and the ADSP-2191M. SCK of the ADSP-2191M
drives the SCLK of the mux, while the MOSI output drives the
serial data line, DIN.
SYNC is driven from one of the port lines,
in this case
SPIxSEL.
ADSP-2191M*
MOSI
SPIxSEL
SCK
*ADDITIONAL PINS OMITTED FOR CLARITY
ADG725/ADG731
SYNC
SCLK
DIN
Figure 4. ADSP-2191M to ADG725/ADG731 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com