Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8021 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8021
Description  12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8021 Datasheet HTML 10Page - Analog Devices AD8021 Datasheet HTML 11Page - Analog Devices AD8021 Datasheet HTML 12Page - Analog Devices AD8021 Datasheet HTML 13Page - Analog Devices AD8021 Datasheet HTML 14Page - Analog Devices AD8021 Datasheet HTML 15Page - Analog Devices AD8021 Datasheet HTML 16Page - Analog Devices AD8021 Datasheet HTML 17Page - Analog Devices AD8021 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD5444/AD5446
Data Sheet
Rev. E | Page 14 of 28
TERMINOLOGY
Relative Accuracy or Integral Nonlinearity
Relative accuracy or integral nonlinearity is a measure of the
maximum deviation from a straight line passing through the
endpoints of the DAC transfer function. It is measured after
adjusting for zero scale and full scale and is normally expressed
in LSBs or as a percentage of full-scale reading.
Differential Nonlinearity
Differential nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified differential nonlinearity of −1 LSB maximum
over the operating temperature range ensures monotonicity.
Gain Error
Gain error or full-scale error is a measure of the output error
between an ideal DAC and the actual device output. For this
DAC, ideal maximum output is VREF − 1 LSB. Gain error of the
DAC is adjustable to zero with external resistance.
Output Leakage Current
Output leakage current is current that flows in the DAC ladder
switches when the ladder is turned off. For the IOUT1 line, it can
be measured by loading all 0s to the DAC and measuring the
IOUT1 current. Minimum current flows in the IOUT2 line when
the DAC is loaded with all 1s.
Output Capacitance
Capacitance from IOUT1 or IOUT2 to AGND.
Output Current Settling Time
The amount of time it takes for the output to settle to a speci-
fied level for a full-scale input change. For this device, it is
specified with a 100 Ω resistor to ground. The settling time
specification includes the digital delay from the SYNC rising
edge to the full-scale output change.
Digital-to-Analog Glitch Impulse
The amount of charge injected from the digital inputs to the
analog output when the inputs change state. This is normally
specified as the area of the glitch in either picoamps per second
or nanovolts per second, depending upon whether the glitch is
measured as a current or voltage signal.
Digital Feedthrough
When the device is not selected, high frequency logic activ-
ity on the device’s digital inputs can be capacitively coupled
through the device to show up as noise on the IOUT1 and IOUT2
pins and, subsequently, into the following circuitry. This noise is
digital feedthrough.
Multiplying Feedthrough Error
Multiplying feedthrough error is due to capacitive feedthrough
from the DAC reference input to the DAC IOUT1 line, when all
0s are loaded to the DAC.
Total Harmonic Distortion (THD)
The DAC is driven by an ac reference. The ratio of the rms sum
of the harmonics of the DAC output to the fundamental value is
the THD. Usually only the lower-order harmonics, such as second
to fifth, are included.
1
5
4
3
2
V
V
V
V
V
THD
2
2
2
2
log
20
+
+
+
=
Digital Intermodulation Distortion
Second-order intermodulation (IMD) measurements are the
relative magnitudes of the fa and fb tones digitally generated by
the DAC and the second-order products at 2fa − fb and 2fb − fa.
Compliance Voltage Range
The maximum range of (output) terminal voltage for which
the device provides the specified characteristics.
Spurious-Free Dynamic Range (SFDR)
The usable dynamic range of a DAC before spurious noise
interferes or distorts the fundamental signal. SFDR is the
measure of difference in amplitude between the fundamental
and the largest harmonically or nonharmonically related spur
from dc to full Nyquist bandwidth (half the DAC sampling
rate or fS/2). Narrow-band SFDR is a measure of SFDR over
an arbitrary window size, in this case 50% of the fundamental.
Digital SFDR is a measure of the usable dynamic range of the
DAC when the signal is a digitally generated sine wave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com