Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM417 Datasheet(PDF) 8 Page - Analog Devices

Part # AM417
Description  Ratiometric instrumentation amplifier with adjustable output stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AM417 Datasheet(HTML) 8 Page - Analog Devices

Back Button AM417 Datasheet HTML 4Page - Analog Devices AM417 Datasheet HTML 5Page - Analog Devices AM417 Datasheet HTML 6Page - Analog Devices AM417 Datasheet HTML 7Page - Analog Devices AM417 Datasheet HTML 8Page - Analog Devices AM417 Datasheet HTML 9Page - Analog Devices AM417 Datasheet HTML 10Page - Analog Devices AM417 Datasheet HTML 11Page - Analog Devices AM417 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AM417 – Ratiometric instrumentation
amplifier with adjustable output stage
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
July 2008 –Rev 3.1- Page 8/18
Phone:+49 (0)6131/91 073-0
Fax: +49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
resistor RO is inserted into the measuring bridge (see Figure 2). By using this compensating resistor
the instrumentation amplifier input voltage
∆VIN is set in such a way, that output voltage VOUTmin has
a value of 0.5V, for example. The voltage drop
VRO across resistor RO is given by:


+
−


+
−
+
−
∆
=
4
3
3
2
1
2
4
3
4
1
/
B
B
B
B
B
B
B
B
B
BR
IN
RO
R
R
R
R
R
R
R
R
R
V
V
V
(6)
where VBR is the voltage drop across the entire sensing element, RBR the total bridge resistance and
RB1,2,3,4 the individual bridge resistors. Assuming that the four separate bridge resistors have the
same value, the following approximation formula is valid:
VRO = 2∆VIN
(7)
∆VIN is the voltage to be set at the input of the instrumentation amplifier where there are no offsets.
OUT
IA
OUT
SYS
OUT
IN
G
G
V
G
V
V
⋅
=
=
∆
min
min
(8)
Taking the offset of the sensing element (VOSME) and that of the IC (VOSIC) into account
(VOSIC = VOSIA + 0.1VOSOUT, where VOSIA is the instrumentation amplifier offset and VOSOUT the
output stage offset), the adjustable voltage is calculated as:
∆VIN’ = ∆VIN - VOSIC - VOSME
(9)
From (9) and (8) it follows that:
OSME
OSIC
OUT
IA
OUT
IN
V
V
G
G
V
V
−
−
⋅
=
∆
min
´
(10)
Applying (7) and (10), the necessary voltage drop across RO required to calibrate the offset of the
output voltage VOUTmin is expressed thus:


−
−
⋅
⋅
=
OSME
OSIC
OUT
IA
OUT
RO
V
V
G
G
V
V
min
2
(11)
On condition, the sensing element offset is low referenced to the sensing element output voltage
(VOSME < 10 VOUTME), the resistor RO is calculated with sufficient accuracy as:
IB
RO
O
I
V
R
⋅
=
2
(12)
Applying (11) and the condition, that the voltage drop across Ro may only be positive, the
maximum compensatable offset is computed thus:
OUT
IA
OUT
OSME
OSIC
G
G
V
V
V
⋅
≤
+
min
(13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com