Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD977BRZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD977BRZ
Description  16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD977BRZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD977BRZ Datasheet HTML 13Page - Analog Devices AD977BRZ Datasheet HTML 14Page - Analog Devices AD977BRZ Datasheet HTML 15Page - Analog Devices AD977BRZ Datasheet HTML 16Page - Analog Devices AD977BRZ Datasheet HTML 17Page - Analog Devices AD977BRZ Datasheet HTML 18Page - Analog Devices AD977BRZ Datasheet HTML 19Page - Analog Devices AD977BRZ Datasheet HTML 20Page - Analog Devices AD977BRZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD977/AD977A
–17–
REV. D
200
VIN
100
33.2k
2.2 F
2.2 F
R1IN
R2IN
R3IN
REF
AGND2
CAP
AGND1
AD977/
AD977A
200
VIN
100
33.2k
2.2 F
2.2 F
R1IN
R2IN
R3IN
REF
AGND2
CAP
AGND1
AD977/
AD977A
576k
50k
5V
50k
5V
200
VIN
100
33.2k
2.2 F
2.2 F
R1IN
R2IN
R3IN
REF
AGND2
CAP
AGND1
AD977/
AD977A
200
VIN
33.2k
2.2 F
R1IN
R2IN
REF
AGND2
CAP
AGND1
AD977/
AD977A
576k
50k
5V
50k
5V
100
R3IN
200
VIN
100
33.2k
2.2 F
2.2 F
R1IN
R2IN
R3IN
REF
AGND2
CAP
AGND1
AD977/
AD977A
200
VIN
100
33.2k
2.2 F
2.2 F
R1IN
R2IN
R3IN
REF
AGND2
CAP
AGND1
AD977/
AD977A
576k
50k
5V
50k
5V
UNIPOLAR CONNECTION FOR AD977A AND AD977
INPUT
RANGE
STANDARD CONNECTION WITHOUT
OFFSET AND GAIN ADJUST
STANDARD CONNECTION WITH
OFFSET AND GAIN ADJUST
0V–10V
0V–5V
0V–4V
+
–
2.2 F
Figure 13. AD977/AD977A Unipolar Analog Input Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com