Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD976BN Datasheet(PDF) 13 Page - Analog Devices

Part # AD976BN
Description  16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD976BN Datasheet(HTML) 13 Page - Analog Devices

Back Button AD976BN Datasheet HTML 8Page - Analog Devices AD976BN Datasheet HTML 9Page - Analog Devices AD976BN Datasheet HTML 10Page - Analog Devices AD976BN Datasheet HTML 11Page - Analog Devices AD976BN Datasheet HTML 12Page - Analog Devices AD976BN Datasheet HTML 13Page - Analog Devices AD976BN Datasheet HTML 14Page - Analog Devices AD976BN Datasheet HTML 15Page - Analog Devices AD976BN Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD976/AD976A
–13–
REV. C
DC CODE UNCERTAINTY
Ideally, a fixed dc input should result in the same output code
for repetitive conversions; however, as a consequence of un-
avoidable circuit noise within the wideband circuits of the ADC,
a range of output codes may occur for a given input voltage.
Thus, when a dc signal is applied to the AD976/AD976A input,
and 10,000 conversions are recorded, the result will be a distri-
bution of codes as shown in Figure 19. This histogram shows a
bell-shaped curve consistent with the Gaussian nature of ther-
mal noise. The histogram is approximately seven codes wide.
The standard deviation of this Gaussian distribution results in a
code transition noise of 1 LSB rms.
4000
3500
0
–3
2000
1500
1000
500
3000
2500
–2
–1
0
1
2
3
4
Figure 19. Histogram of 10,000 Conversions of a DC Input
MICROPROCESSOR INTERFACING
The AD976/AD976A is ideally suited for traditional dc mea-
surement applications supporting a microprocessor and ac signal
processing applications interfacing to a digital signal processor.
The AD976/AD976A is designed to interface with a 16-bit data
bus and provides all output data bits in a single read cycle. A
variety of external buffers can be used with the AD976/AD976A
to prevent bus noise from coupling into the ADC. The following
sections illustrate the use of the AD976/AD976A with the
MC68000 and 8051 microcontrollers and the TMS320C25 and
ADSP-2111 signal processors.
MC68000 Interface
Figure 20 shows a general interface diagram for the MC68000
16-bit microprocessor to the AD976/AD976A. In Figure 20,
conversion is initiated by bringing CSA low (i.e., writing to the
appropriate address). This allows the processor to maintain
control over the complete conversion process.
ADDRESS BUS
*ADDITIONAL PINS OMITTED FOR CLARITY
DATA BUS
DB15
DB0
BUSY
AD976/
AD976A
R/
C
BUS
74HC374
OE
Q15
Q0
D0
D15
CLK
EN
ADDR
DECODE
A0
A15
D15
D0
68000
R/W
AS
Figure 20. AD976/AD976A to 68000 Interface
250
0
150
100
200
50
POSITIVE DNL DISTRIBUTION – LSB
Figure 17. Typical Position DNL Distribution (1516 Units)
140
0
80
20
120
100
NEGATIVE DNL DISTRIBUTION – LSB
60
40
Figure 18. Typical Negative DNL Distribution (1516 Units)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com