Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1981BJSTZ1 Datasheet(PDF) 13 Page - Analog Devices

Part # AD1981BJSTZ1
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BJSTZ1 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1981BJSTZ1 Datasheet HTML 9Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 10Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 11Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 12Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 13Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 14Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 15Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 16Page - Analog Devices AD1981BJSTZ1 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD1981B
Rev. C | Page 13 of 32
CONTROL REGISTER DETAILS
RESET REGISTER
Index 0x00
Reg No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x00
Reset
X
SE4
SE3
SE2
SE1
SE0
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
0x0090
X is a wild card and has no effect on the value.
Writing any value to this register performs a register reset that causes all registers to revert to their default values (except 0x74, which forces the serial configuration).
Reading this register returns the ID code of the part and a code for the type of 3D stereo enhancement.
SE[4:0] Stereo Enhancement. The AD1981B does not provide hardware 3D stereo enhancement (all bits are 0s).
ID[9:0] Identify Capability. The ID decodes the capabilities of AD1981B based on the functions listed in Table 9.
Table 9. ID Bits
Bit
Function
AD1981B
ID0
Dedicated MIC PCM in Channel
0
ID1
Modem Line Codec Support
0
ID2
Bass and Treble Control
0
ID3
Simulated Stereo (Mono to Stereo)
0
ID4
Headphone Out Support
1
ID5
Loudness (Bass Boost) Support
0
ID6
18-Bit DAC Resolution
0
ID7
20-Bit DAC Resolution
1
ID8
18-Bit ADC Resolution
0
ID9
20-Bit ADC Resolution
0
MASTER VOLUME REGISTER
Index 0x02
This register controls the Line_Out volume controls for both stereo channels and the mute bit. Each volume subregister contains five bits,
generating 32 volume levels with 31 steps of 1.5 dB each. Because AC ’97 defines 6-bit volume registers, to maintain compatibility
whenever the D5 or D13 bits are set to 1, their respective lower five volume bits are automatically set to 1 by the codec logic. On readback,
all lower five bits read 1s whenever these bits are set to 1. Refer to Table 12 for examples.
Reg No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x02
Master
Volume
MM
X
X
LMV4
LMV3
LMV2
LMV1
LMV0
RM1
X
X
RMV4
RMV3
RMV2
RMV1
RMV0
0x8000
1 For AC ‘97 compatibility, Bit D7 (RM) is available only by setting the MSPLT bit, Register 0x76. The MSPLT bit enables separate mute bits for the left and right channels.
If MSPLT is not set, the RM bit has no effect. All registers are not shown, and bits containing an X are assumed to be reserved.
Table 10.
Bit
Mnemonic
Function
RMV [4:0]
Right Master Volume
Control
The least significant bit represents 1.5 dB. This register controls the output from 0 dB to a maximum
attenuation of 46.5 dB.
RM
Right-Channel Mute
Once enabled by the MSPLT bit in Register 0x76, this bit mutes the right channel separately from the
MM bit. Otherwise, this bit always reads 0 and has no effect when set to 1.
LMV [4:0]
Left Master Volume
Control
The least significant bit represents 1.5 dB. This register controls the output from 0 dB to a maximum
attenuation of 46.5 dB.
MM
Master Volume Mute
When this bit is set to 1, both the left and right channels are muted, unless the MSPLT bit in
Register 0x76 is set to 1, in which case this mute bit affects only the left channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com