Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7101K9CWCQE Datasheet(PDF) 14 Page - C&K Components

Part # 7101K9CWCQE
Description  7000 Series Miniature Toggle Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

7101K9CWCQE Datasheet(HTML) 14 Page - C&K Components

Back Button 7101K9CWCQE Datasheet HTML 6Page - C&K Components 7101K9CWCQE Datasheet HTML 7Page - C&K Components 7101K9CWCQE Datasheet HTML 8Page - C&K Components 7101K9CWCQE Datasheet HTML 9Page - C&K Components 7101K9CWCQE Datasheet HTML 10Page - C&K Components 7101K9CWCQE Datasheet HTML 11Page - C&K Components 7101K9CWCQE Datasheet HTML 12Page - C&K Components 7101K9CWCQE Datasheet HTML 13Page - C&K Components 7101K9CWCQE Datasheet HTML 14Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
F–16
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F
16 [0.630]
ø 2 [ 0.079]
15/32-32, NS-2A
.464 (11,79)
1/4-40 uns-2A nut
.524 (13,3)
.331 (8,4)
15/32-32 NS-2A
ø .331 (8,4)
.477
(12,12)
.777
(19,74)
L41 Lever handle
PART NO.
481001000
WHITE
481002263
BLACK
481003000
RED
Material: Nylon
Finish: Matte
L42 Lever handle
PART NO.
481101000
WHITE
481102263
BLACK
481103000
RED
Material: Nylon
Finish: Matte
Fits Z3 Termination
female connector
PART NO.
530100000
Available in loose pieces.
NOTE: Additional nuts, locking rings
and lockwashers available
separately, see Section N.
Other colors available, consult
Customer Service Center.
7000 Series
Miniature Toggle Switches
SEAL
.383
(9,73)
.687
(17,45)
.312
(7,92)
Dim. 'A'
AVAILABLE HARDWARE
SP
.410 (10,41)
DP
.440 (11,18)
3P
.505 (12,83)
4P
.505 (12,83)
DIM ‘A’
NO.
POLES
E
EPOXY SEAL
I
EPOXY POTTED BASE
Cap
PART NO.
896801000
WHITE
896802000
BLACK
896803000
RED
Material: Polyethylene
Finish: Matte
Cap
PART NO.
763701000
WHITE
763702000
BLACK
763703000
RED
Material: Vinyl
Finish: Matte
Cap
PART NO.
706201000
WHITE
706202000
BLACK
706203000
RED
Material: Vinyl
Finish: Matte
Compatible with “bottom-wash” PC board cleaning methods.
Available with C, W-W5, Z & Z3 terminations only.
759D02000 Sealing Boot
703D02000 Sealing Boot
704D02000 Sealing Boot
NOTE: For use with S actuator style when combined
with D, H, H3, Y, and Y4 bushings
NOTE: For use with T and TP style actuators. Can
not be used for Switch Functions: 7103, 7203,
7303, 7403, 7107, 7207, 7307, 7407.
NOTE: For use with T, TP and T2P style actuators. Can not
be used for Switch Functions: 7103, 7203, 7303, 7403,
7107, 7207, 7307, and 7407.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com