Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM709LAN Datasheet(PDF) 3 Page - Analog Devices

Part # ADM709LAN
Description  Power Supply Monitor with Resst
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM709LAN Datasheet(HTML) 3 Page - Analog Devices

  ADM709LAN Datasheet HTML 1Page - Analog Devices ADM709LAN Datasheet HTML 2Page - Analog Devices ADM709LAN Datasheet HTML 3Page - Analog Devices ADM709LAN Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ADM709
REV. 0
–3–
RESET
at Voltages < 1 V
The ADM709 RESET output is guaranteed to operate with
supply voltages as low as 1 V. If it is desired that the RESET
output remains low below 1 V, then a pull-down resistor should
be connected between the RESET output and GND. A resistor
of 100 k
Ω is suitable. This is illustrated in Figure 5.
R1
RESET
ADM709
GND
Figure 5. RESET Valid @ VCC < 1 V
Glitch Immunity
The ADM709 is immune to short transients which may occur
on the VCC line. This is important so that spurious resets are not
generated as a result of minor glitches on the power supply.
Additional glitch immunity may be obtained by connecting a
capacitor (0.1
µF or greater) as close as possible to the V
CC pin
on the device.
Microprocessors with Bidirectional I-O
Some microprocessors or microcontrollers such as the
MC68HC11 have bidirectional reset lines. In order to avoid
signal contention, a resistor of 4.7 k
Ω should be connected
between the ADM709 RESET output and the microcontroller
RESET
line. This arrangement is shown in Figure 6.
RESET
ADM709
GND
GND
µP
BUFFERED
RESET
+5V
RESET
VCC
Figure 6. Interfacing to Microprocessors with
Bidirectional RESET
VCC
RESET
ADM709
VTH
RESET
GENERATOR
GND
Figure 1. Functional Block Diagram
RESET
ADM709
GND
GND
µP
RESET
VCC
VCC
Figure 2. Typical Operating Circuit
CIRCUIT INFORMATION
RESET
Output
RESET
is an active low output which provides a reset signal to
the microprocessor whenever the VCC supply voltage is below
the reset threshold. An internal timer holds RESET low for
140 ms after the voltage on VCC rises above the threshold. This
is intended as a power-on reset signal for the processor. It allows
time for the power supply and microprocessor to stabilize after
power up. Similarly a power supply brownout will initiate a pro-
cessor reset. On power-down, the RESET output remains low
with VCC as low as 1 V. This ensures that the microprocessor is
held in a stable shutdown condition as the power supply drops.
VRT
VRT
tRS
VCC
RESET
Figure 3. Power Off/On RESET Timing
VCC
RESET
400ms/DIV
Figure 4. RESET Output vs. VCC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com