Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78M12AB Datasheet(PDF) 26 Page - STMicroelectronics

Part # L78M12AB
Description  Precision 500 mA regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M12AB Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L78M12AB Datasheet HTML 22Page - STMicroelectronics L78M12AB Datasheet HTML 23Page - STMicroelectronics L78M12AB Datasheet HTML 24Page - STMicroelectronics L78M12AB Datasheet HTML 25Page - STMicroelectronics L78M12AB Datasheet HTML 26Page - STMicroelectronics L78M12AB Datasheet HTML 27Page - STMicroelectronics L78M12AB Datasheet HTML 28Page - STMicroelectronics L78M12AB Datasheet HTML 29Page - STMicroelectronics L78M12AB Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Package mechanical data
L78MxxAB, L78MxxAC
26/31
Doc ID 2147 Rev 13
Note:
The DPAK package coming from the two subcontractors (Fujitsu and IDS) are fully
compatible with the ST's package suggested footprint.
Table 13.
DPAK mechanical data
Dim.
Type STD-ST
Type Fujitsu-subcon.
Type IDS-subcon.
mm.
mm.
mm.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.20
2.40
2.25
2.30
2.35
2.19
2.38
A1
0.90
1.10
0.96
1.06
0.89
1.14
A2
0.03
0.23
0
0.10
0.03
0.23
b
0.64
0.90
0.76
0.86
0.64
0.88
b4
5.20
5.40
5.28
5.38
5.21
5.46
c
0.45
0.60
0.46
0.56
0.46
0.58
c2
0.48
0.60
0.46
0.56
0.46
0.58
D
6.00
6.20
6.05
6.15
5.97
6.22
D1
5.10
5.27
5.47
5.20
E
6.40
6.60
6.55
6.60
6.65
6.35
6.73
E1
4.70
4.77
4.70
e
2.28
2.23
2.28
2.33
2.28
e1
4.40
4.60
4.51
4.61
H
9.35
10.10
9.90
10.30
9.40
10.42
L
1.00
1.40
1.60
0.90
L1
2.80
2.50
2.65
L2
0.80
1.03
1.13
0.89
1.27
L4
0.60
1.00
0.70
0.90
0.64
1.02
R
0.20
0.40
0.20
V2
0°
8°
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com