Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM6318xxxARJZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM6318xxxARJZ-R7
Description  Supervisory Circuits with Watchdog
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6318xxxARJZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADM6318xxxARJZ-R7 Datasheet HTML 1Page - Analog Devices ADM6318xxxARJZ-R7 Datasheet HTML 2Page - Analog Devices ADM6318xxxARJZ-R7 Datasheet HTML 3Page - Analog Devices ADM6318xxxARJZ-R7 Datasheet HTML 4Page - Analog Devices ADM6318xxxARJZ-R7 Datasheet HTML 5Page - Analog Devices ADM6318xxxARJZ-R7 Datasheet HTML 6Page - Analog Devices ADM6318xxxARJZ-R7 Datasheet HTML 7Page - Analog Devices ADM6318xxxARJZ-R7 Datasheet HTML 8Page - Analog Devices ADM6318xxxARJZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Rev. F | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VCC
−0.3 V to +6 V
RESET (ADM6320, ADM6321, ADM6322)
−0.3 V to +6 V
All Other Pins
−0.3 V to (VCC + 0.3 V)
Output Current (RESET, RESET)
20 mA
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +125°C
θJA Thermal Impedance, SOT-23
270°C/W
Lead Temperature
Soldering (10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com