Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4981B Datasheet(PDF) 11 Page - STMicroelectronics

Part # L4981B
Description  POWER FACTOR CORRECTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4981B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L4981B Datasheet HTML 7Page - STMicroelectronics L4981B Datasheet HTML 8Page - STMicroelectronics L4981B Datasheet HTML 9Page - STMicroelectronics L4981B Datasheet HTML 10Page - STMicroelectronics L4981B Datasheet HTML 11Page - STMicroelectronics L4981B Datasheet HTML 12Page - STMicroelectronics L4981B Datasheet HTML 13Page - STMicroelectronics L4981B Datasheet HTML 14Page - STMicroelectronics L4981B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
88 to 264 Vac
BRIDGE
B1 8A
L1=0.5mE42*21*15
gap=1.9 58/6 turns
20*.2mm
C2
330n
C3
330n
R2
33k
R5
220k
R4
1.2M
R6
500k
74
C1
330nF
400V
L4981A/ B**
15
16
R7
500k
19
C8
100n
13
R1
460
R3
2.2k
R8
17k
C6
3.3n
R13
2.2k
C9
1n
R15
24k
1
17
10
18
9
5
8
2
R9 (RS)
50m
// 3*0.15)
R10
5k
R11
56k
R12
56k
R16
220k
14
3
C14
100n
R17
15
# // Q1&Q2
TO220*2
STM12NM50
/ 7C/W
D7-STTA406
20
C12
1u
C13
1u
R21
19.6k
R24
16.9k
R19
750k
R22
750k
D4-STTH8R06
to220 (/40CW)
6
11
12
C15
220uF
450V
-
D3
L2
3u
R18
6.8
2W
R23
750k
C11
220n
R20
750k
R14
68
B2= D1+D2
+D8+D9
VCC
F1
T15A250V
NTC
2.5
V+ BUS=400V
D5-
STTA106
D6
DZW06-48
RAux1
RAux2
Cf
.22uF
600V
TP1
VCC
C10
150uF
Dz1
18V
Q4
4007
R25
1k
2W
Cs
330pF
Q1+Q2#
**
Figure 19: Demo Board Circuit (VO = 400V; PO = 360W).
Figure 20: Component Layout (Dimensions 88 x 150mm).
L4981A - L4981B
11/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com