Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6385E Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6385E
Description  High-voltage high and low side driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6385E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6385E Datasheet HTML 5Page - STMicroelectronics L6385E Datasheet HTML 6Page - STMicroelectronics L6385E Datasheet HTML 7Page - STMicroelectronics L6385E Datasheet HTML 8Page - STMicroelectronics L6385E Datasheet HTML 9Page - STMicroelectronics L6385E Datasheet HTML 10Page - STMicroelectronics L6385E Datasheet HTML 11Page - STMicroelectronics L6385E Datasheet HTML 12Page - STMicroelectronics L6385E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
L6385E
Typical characteristic
9/16
5
Typical characteristic
Figure 5.
Typical rise and fall times vs
load capacitance
Figure 6.
Quiescent current vs supply
voltage
Figure 7.
Turn on time vs temperature
Figure 8.
Turn Off time vs temperature
Figure 9.
VBOOT UV turn On threshold
vs temperature
Figure 10.
Vcc UV turn Off threshold vs
temperature
For both high and low side buffers @25˚C Tamb
0
1
2
3
4
5
C (nF)
0
50
100
150
200
250
time
(nsec)
Tr
D99IN1054
Tf
0
2
4
6
8
10121416 VS(V)
10
102
103
104
Iq
(
µA)
D99IN1055
-45
-25
0
25
50
75
100
125
0
50
100
150
200
250
Tj (°C)
Typ.
@ Vcc = 15V
-45
-25
0
25
50
75
100
125
0
50
100
150
200
250
Tj (°C)
Typ.
@ Vcc = 15V
-45
-25
0
25
50
75
100
125
5
6
7
8
9
10
11
12
13
Tj (°C)
Typ.
@ Vcc = 15V
-45
-25
0
25
50
75
100
125
6
7
8
9
10
11
Tj (°C)
Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com