Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP70 Datasheet(PDF) 2 Page - Riedon Powertron

Part # MP70
Description  Ultra Precision Molded Metal Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

MP70 Datasheet(HTML) 2 Page - Riedon Powertron

  MP70 Datasheet HTML 1Page - Riedon Powertron MP70 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
1/12
0
0,1
0,2
0,3
0,4
0,5
0,6
50
70
90
110
130
155
Temperature(°C)
Test
Results
Short Time Overload
V = 2.5 * √P
70 * R < 2Vmax; 5s
+0.025%+0.05Ω
Solderability
215°C for 3s
95%coverage;novisibledamage
Resistance to Soldering Heat
260 + 5°C ; 5+1s
+0.025%+0.05Ω
Rapid Change of Temperature
30 min at -55°C; 30 min at 155C; 5 cycles
+0.025%+0.05Ω
Vibration
6h 10 to 200Hz 1.5mm or 196 m/s
+0.025%+0.05Ω
Damp Heat Steady State
40 + 2°C; 56 days 93 +2/-3% RH
+0.05%+0.05Ω
Load Life
V = 2.5 * √P
70 * R < Vmax 1.5h on ; 0.5h off 70C 1000h
+0.05%+0.05Ω
SPECIFICATIONS
UltraPrecisionMoldedMetalFilmResistors
MP Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com