Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCR0603 Datasheet(PDF) 3 Page - Riedon Powertron

Part # PCR0603
Description  Pulse Withstanding Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

PCR0603 Datasheet(HTML) 3 Page - Riedon Powertron

  PCR0603 Datasheet HTML 1Page - Riedon Powertron PCR0603 Datasheet HTML 2Page - Riedon Powertron PCR0603 Datasheet HTML 3Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
07/13
PCR Series
Pulse Withstanding Chip Resistor
Pulse Graphs
2512
2010
1210
1206
0805
1
10
100
1000
10000
0.0001
0.001
0.01
0.1
1
Pulse Duration Time(sec.)
2512
2010
1210
1206
0805
1
10
100
1000
10000
0.0001
0.001
0.01
0.1
1
Pulse Duration Time(sec.)
Continuous Pulse
1
Result of rectangular pulses at intervals causing
max power rating at 70C
2
<1% deviation from initial value



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com