Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2902H Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM2902H
Description  Low power quad operational amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902H Datasheet(HTML) 2 Page - STMicroelectronics

  LM2902H Datasheet HTML 1Page - STMicroelectronics LM2902H Datasheet HTML 2Page - STMicroelectronics LM2902H Datasheet HTML 3Page - STMicroelectronics LM2902H Datasheet HTML 4Page - STMicroelectronics LM2902H Datasheet HTML 5Page - STMicroelectronics LM2902H Datasheet HTML 6Page - STMicroelectronics LM2902H Datasheet HTML 7Page - STMicroelectronics LM2902H Datasheet HTML 8Page - STMicroelectronics LM2902H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Schematic diagram
LM2902H
2/13
Doc ID 16486 Rev 1
1
Schematic diagram
Figure 1.
Schematic diagram (1/4 LM2902H)
Figure 2.
Pad locations
6
μA
4
μA
100
μA
Q2
Q3
Q4
Q1
Inverting
input
Non-inverting
input
Q8
Q9
Q10
Q11
Q12
50 mA
Q13
Output
Q7
Q6
Q5
RSC
V
CC
C C
GND
91
91
575
-110
Out 3
91
91
575
-315
E-(3)
91
91
470
-615
E+(3)
91
91
0
-620
VCC-
91
91
575
315
E-(2)
91
91
575
110
Out 2
91
91
470
615
E+(2)
91
91
-575
-315
E-
91
91
-575
-110
Out 4
91
91
-575
110
Out 1
91
91
-575
315
E-(1)
91
91
-470
615
E+(1)
Pad dimensions
Pad placement
Name
91
91
0
615
VCC+
91
91
-470
-615
Y
X
Y
X
91
91
575
-110
Out 3
91
91
575
-315
E-(3)
91
91
470
-615
E+(3)
91
91
0
-620
VCC
91
91
575
315
E-(2)
91
91
575
110
Out 2
91
91
470
615
E+(2)
91
91
575
-315
E-(4)
91
91
575
-110
Out 4
91
91
575
110
Out 1
91
91
575
315
E
91
91
470
615
E+(1)
91
91
0
615
VCC+
91
91
470
-615
E+(4)
Y
X
Y
X
The coordinates’ origin is at the center of the die.
All dimensions are specified in micrometers (
μm).
Die dimension: 1430
μm x 1360 μm
E+ (1)
E+ (4)
Vcc+
E+ (2)
Vcc-
E- (3)
E+ (3)
2001
Line
x
y
Out 3
Out 2
E- (2)
E- (4)
Out 4
Out 1
E- (1)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com